Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G9125 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G9125
Description  2.5V 1A Low Dropout Regulator with Disable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G9125 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G9125 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G9125 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G9125 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G9125 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G9125 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G9125 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G9125 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G9125 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G9125 Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Ver: 0.6 Preliminary
Nov 11, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G9125
Global Mixed-mode Technology Inc.
2.5V 1A Low Dropout Regulator with Disable
Features
Dropout voltage 0.6V @ IO = 1A
Output current in excess of 1A
Output voltage accuracy ±2.5%
Quiescent current, typically 5mA
Internal short circuit current limit
Internal over temperature protection
TO-220 4pin Full-Mold, TO-252-5 package
ON/OFF control
General Description
The G9125 positive 2.5V voltage regulator features
the ability to source 1A of output current. The dropout
voltage is 0.6V at 1A output current. The typical qui-
escent current is 5mA. Furthermore, the quiescent
current is smaller when the regulator is in the dropout
mode.
Familiar regulator features such as over tem-
perature and over current protection circuits are
provided to prevent it from being damaged by
abnormal operating conditions. A Vdis pin is pro-
vided to disable the output when needed.
Ordering Information
PIN OPTION
ORDER
NUMBER
ORDER NUMBER
(Pb free)
MARKING
TEMP.
RANGE
PACKAGE
1
2
3
4
G9125TF1T
G9125TF1Tf
G9125
-40°C to +85°C
TO-220F-4
VIN
VO
GND
Vdis
G9125TH1T
G9125TH1Tf
G9125
-40°C to +85°C
TO-220F-4
VIN
VO
GND
Vdis
G9125TJU
G9125TJUf
G9125
-40°C to +85°C
TO-252-5
Order Number Identification
GXXXX
XX
X
X
Packing Type
Pin Option (only TO-220F-4)
Package Type
Part Number
PACKAGE TYPE
PIN OPTION (only TO-220F-4)
PACKING
TF: TO220F-4 (short lead)
1
2
3
4
T : Tube
TH: TO220F-4 (long lead)
1.: VIN
VO
GND
Vdis
U: Tape & Reel
TJ: TO-252-5
Package Type
Typical Application
V
IN
G9125
C1
4.7µF
IQ
V
OUT
I
O
C
OUT
47µF
12
3
TO-220F-4
4
ON/OFF
TO-252-5
Top View
1
3
2
45
VIN V
dis
NC GND
VO
V
IN
G9125
C1
4.7µF
IQ
V
OUT
I
O
C
OUT
47µF
12
3
TO-220F-4
4
ON/OFF
TO-252-5
Top View
1
3
2
45
VIN V
dis
NC GND
VO


Similar Part No. - G9125

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G9125 GMT-G9125_15 Datasheet
33Kb / 1P
   2.5V 1A Low Dropout Regulator with Enable
More results

Similar Description - G9125

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G9225 GMT-G9225 Datasheet
227Kb / 7P
   2.5V 2A Low Dropout Regulator with Disable
G9133 GMT-G9133 Datasheet
232Kb / 8P
   3.3V 1A Low Dropout Regulator with Disable
G9125 GMT-G9125_15 Datasheet
33Kb / 1P
   2.5V 1A Low Dropout Regulator with Enable
logo
Taiwan Semiconductor Co...
TS178R00 TSC-TS178R00 Datasheet
184Kb / 5P
   1A Ultra Low Dropout Voltage Regulator w/Disable
logo
International Rectifier
IRU1010-25 IRF-IRU1010-25 Datasheet
50Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 2.5V REGULATOR
logo
Allegro MicroSystems
SI-3003KWD ALLEGRO-SI-3003KWD Datasheet
439Kb / 9P
   1A, Low-Dropout, Dual Output, 1.8V & 2.5V Regulator
SI-3003KWF ALLEGRO-SI-3003KWF Datasheet
260Kb / 9P
   1A, Low-Dropout, Dual Outpout, 1.8V & 2.5V Regulator
logo
Global Mixed-mode Techn...
G9205 GMT-G9205 Datasheet
257Kb / 8P
   5V 2A Low Dropout Regulator with Disable
logo
Silicon Standard Corp.
SS8046 SSC-SS8046 Datasheet
344Kb / 7P
   3.3V 2A Low-Dropout Regulator with Disable
logo
Global Mixed-mode Techn...
G9233 GMT-G9233 Datasheet
297Kb / 8P
   3.3V 2A LOW DROPOUT REGULATOR WITH DISABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com