Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G924-480T1U Datasheet(PDF) 3 Page - Global Mixed-mode Technology Inc

Part # G924-480T1U
Description  300mA Low-Noise LDO Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G924-480T1U Datasheet(HTML) 3 Page - Global Mixed-mode Technology Inc

  G924-480T1U Datasheet HTML 1Page - Global Mixed-mode Technology Inc G924-480T1U Datasheet HTML 2Page - Global Mixed-mode Technology Inc G924-480T1U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G924-480T1U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G924-480T1U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G924-480T1U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G924-480T1U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G924-480T1U Datasheet HTML 8Page - Global Mixed-mode Technology Inc G924-480T1U Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Ver: 0.2 Preliminary
Oct 01, 2004
TEL: 886-3-5788833
http://www.gmt.com.tw
3
G924
Global Mixed-mode Technology Inc.
Absolute Maximum Ratings
VIN to GND.………………………………-0.3V to +6.5V
Output Short-Circuit Duration…….….……….…Infinite
SHDN to GND……..………....….….-0.3V to VIN+0.3V
OUT to GND………………………-0.3V to (VIN + 0.3V)
Continuous Power Dissipation (TA = +25°C)
SOT-23-5………..…………..……….……….…520mW
Operating Temperature Range…….....-40°C to +85°C
Junction Temperature………………...………+150°C
θJA
(1)….…..…………….……….…..…..240°C/Watt
Storage Temperature Range……….-65°C to +150°C
Reflow Temperature (soldering, 10sec)…..…….260°C
Note (1): See Recommended Minimum Footprint
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Electrical Characteristics
(VIN =5V, V SHDN =VIN, TA =TJ =25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITION
MIN TYP MAX UNIT
Input Voltage (Note 2)
VIN
2.5
---
5.5
V
VOUT≥2.50V, IOUT=1mA
-2
---
2
2.50V>VOUT≥1.80V, IOUT=1mA
-3
---
3
Output Voltage Accuracy
VOUT
1.80V>VOUT≥1.20V, IOUT=1mA
-4
---
4
%
Maximum Output Current
300
---
---
mA
Current Limit (Note 3)
ILIM
400
550
---
mA
Short Circuit Current
Isc
---
280
---
mA
Ground Pin Current
IQ
---
90
---
µA
VOUT=1.50V
---
1.36
---
VOUT=1.80V
---
1.10
---
VOUT=2.50V
---
0.58
---
VOUT=3.00V
---
0.41
---
VOUT=3.30V
---
0.36
---
VOUT=4.75V
---
0.25
---
Dropout Voltage (Note 4)
VDROP
IOUT =300mA
VOUT=5.00V
---
0.24
---
V
Line Regulation
∆VLNR
VIN=VOUT+0.1V,to 5.5V IOUT=10mA
---
0.06
---
%/V
Load Regulation
∆VLDR
IOUT = 10mA to 300mA
---
0.02
---
%/mA
Ripple Rejection
PSRR
F=1kHz, 0.45VP-P, IOUT=10mA
---
53
---
dB
Output Voltage Noise
(10Hz to 100kHz)
en
COUT = 1µF, IOUT = 1mA, CBYP = 10nF
---
28
---
µVRMS
SHUTDOWN
VIH
Regulator enabled
1.5
---
---
SHDN
Input Threshold
VIL
Regulator shutdown
---
---
0.4
V
SHDN
Input Bias Current
I SHDN
V SHDN = VIN
TA = +25°C
---
0.003
1
µA
Shutdown Supply Current
IQSHDN
VOUT = 0V
TA = +25°C
---
0.2
1
µA
THERMAL PROTECTION
Thermal Shutdown Temperature
TSHDN
---
145
---
°C
Thermal Shutdown Hysteresis
∆TSHDN
---
25
---
°C
Note 1: Limits is 100% production tested at TA= +25°C. Low duty pulse techniques are used during test to
maintain junction temperature as close to ambient as possible.
Note 2: Guaranteed by line regulation test.
Note 3: Not tested. For design purposes, the current limit should be considered 400mA minimum.
Note 4: The dropout voltage is defined as (VIN-VOUT) when VOUT is 100mV below the target value of VOUT. The per-
formance of every G924 part, see “Typical Performance Characteristics”.


Similar Part No. - G924-480T1U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G924 GMT-G924_15 Datasheet
111Kb / 2P
   300mA Low-Noise LDO Regulators
More results

Similar Description - G924-480T1U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G914X GMT-G914X Datasheet
275Kb / 10P
   300mA Low-Noise LDO Regulators
G982 GMT-G982 Datasheet
83Kb / 1P
   300mA Low-Noise LDO Regulators
G924 GMT-G924_15 Datasheet
111Kb / 2P
   300mA Low-Noise LDO Regulators
logo
Silicon Standard Corp.
SS8014 SSC-SS8014 Datasheet
291Kb / 10P
   300mA Low-Noise LDO Regulators
logo
Linear Technology
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-1.5 LINER-LT1962EMS8-1.5 Datasheet
292Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962 LINER-LT1962 Datasheet
138Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962 LINER-LT1962_15 Datasheet
475Kb / 18P
   300mA, Low Noise, Micropower LDO Regulators
logo
Advanced Power Electron...
APE8835 A-POWER-APE8835_14 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com