Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G9125TJ3T Datasheet(PDF) 6 Page - Global Mixed-mode Technology Inc

Part # G9125TJ3T
Description  2.5V 1A Low Dropout Regulator with Disable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G9125TJ3T Datasheet(HTML) 6 Page - Global Mixed-mode Technology Inc

  G9125TJ3T Datasheet HTML 1Page - Global Mixed-mode Technology Inc G9125TJ3T Datasheet HTML 2Page - Global Mixed-mode Technology Inc G9125TJ3T Datasheet HTML 3Page - Global Mixed-mode Technology Inc G9125TJ3T Datasheet HTML 4Page - Global Mixed-mode Technology Inc G9125TJ3T Datasheet HTML 5Page - Global Mixed-mode Technology Inc G9125TJ3T Datasheet HTML 6Page - Global Mixed-mode Technology Inc G9125TJ3T Datasheet HTML 7Page - Global Mixed-mode Technology Inc G9125TJ3T Datasheet HTML 8Page - Global Mixed-mode Technology Inc G9125TJ3T Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Ver: 0.6 Preliminary
Nov 11, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
6
G9125
Global Mixed-mode Technology Inc.
Typical Performance Characteristics (continued)
Heatsink Package Dimension
TO-220F-4
Recommended Minimum Footprint
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
01
23
4
5
6
7
Input Voltage VIN(V)
Quiescent Current vs. Input Voltage
0
0.5
1
1.5
2
2.5
3
3.5
-25
-5
1535
5575
Temperature (TA)
Power Dissipation vs. Temperature (TA)
without heatsink
heatsink (5in
2)
TO-252-5
TO-252-5


Similar Part No. - G9125TJ3T

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G9125 GMT-G9125_15 Datasheet
33Kb / 1P
   2.5V 1A Low Dropout Regulator with Enable
More results

Similar Description - G9125TJ3T

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G9225 GMT-G9225 Datasheet
227Kb / 7P
   2.5V 2A Low Dropout Regulator with Disable
G9133 GMT-G9133 Datasheet
232Kb / 8P
   3.3V 1A Low Dropout Regulator with Disable
G9125 GMT-G9125_15 Datasheet
33Kb / 1P
   2.5V 1A Low Dropout Regulator with Enable
logo
Taiwan Semiconductor Co...
TS178R00 TSC-TS178R00 Datasheet
184Kb / 5P
   1A Ultra Low Dropout Voltage Regulator w/Disable
logo
International Rectifier
IRU1010-25 IRF-IRU1010-25 Datasheet
50Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 2.5V REGULATOR
logo
Allegro MicroSystems
SI-3003KWD ALLEGRO-SI-3003KWD Datasheet
439Kb / 9P
   1A, Low-Dropout, Dual Output, 1.8V & 2.5V Regulator
SI-3003KWF ALLEGRO-SI-3003KWF Datasheet
260Kb / 9P
   1A, Low-Dropout, Dual Outpout, 1.8V & 2.5V Regulator
logo
Global Mixed-mode Techn...
G9205 GMT-G9205 Datasheet
257Kb / 8P
   5V 2A Low Dropout Regulator with Disable
logo
Silicon Standard Corp.
SS8046 SSC-SS8046 Datasheet
344Kb / 7P
   3.3V 2A Low-Dropout Regulator with Disable
logo
Global Mixed-mode Techn...
G9233 GMT-G9233 Datasheet
297Kb / 8P
   3.3V 2A LOW DROPOUT REGULATOR WITH DISABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com