Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G9131-33T22U Datasheet(PDF) 7 Page - Global Mixed-mode Technology Inc

Part # G9131-33T22U
Description  300mA Low-Dropout Linear Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G9131-33T22U Datasheet(HTML) 7 Page - Global Mixed-mode Technology Inc

Back Button G9131-33T22U Datasheet HTML 2Page - Global Mixed-mode Technology Inc G9131-33T22U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G9131-33T22U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G9131-33T22U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G9131-33T22U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G9131-33T22U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G9131-33T22U Datasheet HTML 8Page - Global Mixed-mode Technology Inc G9131-33T22U Datasheet HTML 9Page - Global Mixed-mode Technology Inc G9131-33T22U Datasheet HTML 10Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Ver: 1.6
Dec 22, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
7
G9131
Global Mixed-mode Technology Inc.
Pin Description
NAME
FUNCTION
IN
Regulator Input. Supply voltage can range from VIN(min) to +5.5V. Bypass with 1µF to GND.
GND
This is ground pin.
OUT
Regulator Output. Sources up to 300mA. Bypass with a 1µF, <0.2
Ω typical ESR capacitor to GND.
Detailed Description
The block diagram of the G9131 is shown in Figure 1.
It consists of an error amplifier, 1.25V bandgap refer-
ence, PMOS output transistor, internal feedback volt-
age divider, over current protection circuit, and over
temperature protection circuit.
Over Current Protection
The G9131 use a current sense-resistor to monitor the
output current. A portion of the PMOS output transistor’s
current is mirrored to a resistor such that the voltage
across this resistor is proportional to the output current.
Once the output current exceeds limit threshold, G9131
would be protected with a limited output current. Further
more, when the output is short to ground, the output
current would be folded-back to a less limit.
Over Temperature Protection
To prevent abnormal temperature from occurring, the
G9131 has a built-in temperature monitoring circuit.
When it detects the temperature is above 150°C, the
output transistor is turned off. When the IC is cooled
down to below 135°C, the output is turned on again. In
this way, the G9131 will be protected against abnor-
mal junction temperature during operation.
Operating Region and Power Dissipation
Since the G9131 is a linear regulator, its power dissi-
pation is always given by P = IOUT (VIN - VOUT). The
maximum power dissipation is given by: PD(MAX) = (TJ -
TA)/θJA, Where (TJ - TA) is the temperature difference
the G9131 die and the ambient air. For surface mount
device, heat sinking is accomplished by using the heat
spreading capabilities of the PC board and its copper
traces. θJA is the thermal resistance of the chosen
package to the ambient air. In the case of a SOT-23
package, the thermal resistance is typically 275.5°C/W.
In SOT 89 RθJA is 172.5°C/W.


Similar Part No. - G9131-33T22U

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G9131-21 HAMAMATSU-G9131-21 Datasheet
129Kb / 2P
   InGaAs PIN photodiode with preamp
G9131-22 HAMAMATSU-G9131-22 Datasheet
129Kb / 2P
   InGaAs PIN photodiode with preamp
G9131-23 HAMAMATSU-G9131-23 Datasheet
129Kb / 2P
   InGaAs PIN photodiode with preamp
G9131-24 HAMAMATSU-G9131-24 Datasheet
129Kb / 2P
   InGaAs PIN photodiode with preamp
More results

Similar Description - G9131-33T22U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G913 GMT-G913 Datasheet
85Kb / 1P
   300mA Low-Dropout Linear Regulators
G9090 GMT-G9090 Datasheet
47Kb / 2P
   300mA Low-Dropout Linear Regulators
G9002 GMT-G9002 Datasheet
58Kb / 2P
   300mA Low-Dropout Linear Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
   300mA Low-Dropout Linear Regulators
G9291 GMT-G9291 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
G9191 GMT-G9191 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
G9131 GMT-G9131_15 Datasheet
50Kb / 1P
   300mA Low-Dropout Linear Regulators
G9093 GMT-G9093 Datasheet
33Kb / 1P
   Dual, 300mA Low-Dropout Linear Regulators
G9052 GMT-G9052 Datasheet
37Kb / 1P
   Dual, 300mA Low-Dropout Linear Regulators
G9292 GMT-G9292 Datasheet
53Kb / 2P
   Dual, 300mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com