Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G9125TF3U Datasheet(PDF) 8 Page - Global Mixed-mode Technology Inc

Part # G9125TF3U
Description  2.5V 1A Low Dropout Regulator with Disable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G9125TF3U Datasheet(HTML) 8 Page - Global Mixed-mode Technology Inc

  G9125TF3U Datasheet HTML 1Page - Global Mixed-mode Technology Inc G9125TF3U Datasheet HTML 2Page - Global Mixed-mode Technology Inc G9125TF3U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G9125TF3U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G9125TF3U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G9125TF3U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G9125TF3U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G9125TF3U Datasheet HTML 8Page - Global Mixed-mode Technology Inc G9125TF3U Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Ver: 0.6 Preliminary
Nov 11, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
8
G9125
Global Mixed-mode Technology Inc.
TO-220F-4 Package (long lead)
DIMENSION IN MM
DIMENSION IN INCH
SYMBOL
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
4.42
4.57
4.72
0.174
0.180
0.186
A1
2.69
2.79
2.89
0.106
0.110
0.114
A2
1.68
1.78
1.88
0.066
0.070
0.074
D
10.00
10.10
10.20
0.394
0.398
0.402
E
6.85
6.95
7.05
0.269
0.273
0.278
E1
8.54
8.64
8.74
0.336
0.340
0.344
L
13.15
13.35
13.55
0.518
0.526
0.533
L1
16.56
16.66
16.76
0.652
0.656
0.660
L2
3.60
3.70
3.80
0.142
0.146
0.150
He
28.44
28.94
29.44
1.119
1.139
1.159
C
-----
0.48
-----
-----
0.019
-----
e
-----
2.54(TYP)
-----
-----
0.1(TYP)
-----
b
-----
0.635(TYP)
-----
-----
0.025(TYP)
-----
θ
4
°
7
°
11
°
4
°
7
°
11
°
D
E
b
E1
e
A
A1
C
A2
L
L1
L2
He
D
E
b
E1
e
A
A1
C
A2
L
L1
L2
He


Similar Part No. - G9125TF3U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G9125 GMT-G9125_15 Datasheet
33Kb / 1P
   2.5V 1A Low Dropout Regulator with Enable
More results

Similar Description - G9125TF3U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G9225 GMT-G9225 Datasheet
227Kb / 7P
   2.5V 2A Low Dropout Regulator with Disable
G9133 GMT-G9133 Datasheet
232Kb / 8P
   3.3V 1A Low Dropout Regulator with Disable
G9125 GMT-G9125_15 Datasheet
33Kb / 1P
   2.5V 1A Low Dropout Regulator with Enable
logo
Taiwan Semiconductor Co...
TS178R00 TSC-TS178R00 Datasheet
184Kb / 5P
   1A Ultra Low Dropout Voltage Regulator w/Disable
logo
International Rectifier
IRU1010-25 IRF-IRU1010-25 Datasheet
50Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 2.5V REGULATOR
logo
Allegro MicroSystems
SI-3003KWD ALLEGRO-SI-3003KWD Datasheet
439Kb / 9P
   1A, Low-Dropout, Dual Output, 1.8V & 2.5V Regulator
SI-3003KWF ALLEGRO-SI-3003KWF Datasheet
260Kb / 9P
   1A, Low-Dropout, Dual Outpout, 1.8V & 2.5V Regulator
logo
Global Mixed-mode Techn...
G9205 GMT-G9205 Datasheet
257Kb / 8P
   5V 2A Low Dropout Regulator with Disable
logo
Silicon Standard Corp.
SS8046 SSC-SS8046 Datasheet
344Kb / 7P
   3.3V 2A Low-Dropout Regulator with Disable
logo
Global Mixed-mode Techn...
G9233 GMT-G9233 Datasheet
297Kb / 8P
   3.3V 2A LOW DROPOUT REGULATOR WITH DISABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com