Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2104SPBF Datasheet(PDF) 8 Page - International Rectifier

Part # IRS2104SPBF
Description  HALF-BRIDGE DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2104SPBF Datasheet(HTML) 8 Page - International Rectifier

Back Button IRS2104SPBF Datasheet HTML 4Page - International Rectifier IRS2104SPBF Datasheet HTML 5Page - International Rectifier IRS2104SPBF Datasheet HTML 6Page - International Rectifier IRS2104SPBF Datasheet HTML 7Page - International Rectifier IRS2104SPBF Datasheet HTML 8Page - International Rectifier IRS2104SPBF Datasheet HTML 9Page - International Rectifier IRS2104SPBF Datasheet HTML 10Page - International Rectifier IRS2104SPBF Datasheet HTML 11Page - International Rectifier IRS2104SPBF Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
PRELIMINARY
IRS2104(S) PbF
www.irf.com
8
0
1
2
3
4
5
6
7
8
10
12
14
16
18
20
VBAIS Supply Voltage (V)
0
1
2
3
4
5
6
7
8
-50
-25
0
25
50
75
100
125
Figure 13A. Logic "0" (HO) & Logic “1” (LO)
& Active SD Input Voltage
vs. Temperature
Temperature (°C)
Vcc Supply Voltage (V)
Figure 13B. Logic "0" (HO) & Logic “1” (LO)
& Active SD Input Voltage
vs. Voltage
0
0.8
1.6
2.4
3.2
4
10
12
14
16
18
20
Ma x .
0
0.8
1.6
2.4
3.2
4
-50
-250
255075
100
125
Max.
Temperature (°C)
VBIAS Supply Voltage (V)
Figure 11A. Deadtime vs. Temperature
Figure 11B. Deadtime vs. Voltage
0
20 0
40 0
60 0
80 0
10 00
12 00
14 00
-50
-25
0
2 5
5 0
7 5
1 00
1 25
Ma x .
Ty p.
Min.
0
200
400
600
800
1000
1200
1400
10
12
14
16
18
20
M ax.
Typ.
Min.
Temperature (
oC)
Figure12A. Logic "1" Input Voltage
vs. Temperature
Figure 12B. Logic "1" Input Voltage
vs. Supply Voltage
Min.
Min
Min.
Min.


Similar Part No. - IRS2104SPBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRS2104SPBF INFINEON-IRS2104SPBF Datasheet
275Kb / 15P
   HALF-BRIDGE DRIVER
Data Sheet No.PD60267
More results

Similar Description - IRS2104SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2308 IRF-IRS2308 Datasheet
387Kb / 21P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
   HALF-BRIDGE DRIVER
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
   HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
   Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
   Half-Bridge Driver
IRS2104PBF IRF-IRS2104PBF Datasheet
665Kb / 15P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF Datasheet
1Mb / 23P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
   HALF-BRIDGE DRIVER
IRS21091PBF IRF-IRS21091PBF Datasheet
758Kb / 20P
   HALF-BRIDGE DRIVER
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
   Half-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com