Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HR153-1212 Datasheet(PDF) 1 Page - Interpoint Corporation Company

Part # HR153-1212
Description  DC/DC CONVERTERS 12 & 28 VOLT INPUT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

HR153-1212 Datasheet(HTML) 1 Page - Interpoint Corporation Company

  HR153-1212 Datasheet HTML 1Page - Interpoint Corporation Company HR153-1212 Datasheet HTML 2Page - Interpoint Corporation Company HR153-1212 Datasheet HTML 3Page - Interpoint Corporation Company HR153-1212 Datasheet HTML 4Page - Interpoint Corporation Company HR153-1212 Datasheet HTML 5Page - Interpoint Corporation Company HR153-1212 Datasheet HTML 6Page - Interpoint Corporation Company HR153-1212 Datasheet HTML 7Page - Interpoint Corporation Company HR153-1212 Datasheet HTML 8Page - Interpoint Corporation Company HR153-1212 Datasheet HTML 9Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
B4-43
Size (max.): HR151 and HR152 models, case H6
2.125 x 1.125 x 0.495 inches (53.98 x 28.58 x 12.57 mm)
HR153 models, case F4
1.950 x 1.350 x 0.505 inches (49.53 x 34.29 x 12.83 mm)
See section B8, cases F4 and H6 for dimensions.
Weight:
HR151 and HR152: 50 grams typical. HR153: 53 grams typical.
Screening:
Standard only. See Section C2 for screening description.
DESCRIPTION
The HR150 Series™ DC/DC converters have been designed to give
industrial applications the same high reliability, small size, and high
performance that Interpoint has provided to military and aerospace
programs since 1969.
HIGH RELIABILITY
Each HR150 converter is built to perform reliably in the harshest
environments. Assembled using thick-film hybrid technology, HR150
converters have more uniform thermal coefficients and 50% fewer
connections than converters built by surface mount techniques. The
HR150 converter parts use the same manufacturing procedures and
quality controls that we apply to converters designed for commercial
airliners, the space shuttle, advanced fighter aircraft, and other high
reliability applications. The steel cases are hermetically sealed in a
dry nitrogen environment and are guaranteed a maximum leak rate
of less than 10-3 atm-cc/sec. All devices are 100% electrically
tested.
SMALL SIZE – LOW PROFILE
The HR150 Series manufacturing techniques provide extremely
small size and low profile components. Each converter uses less
than 2.7 square inches of board area. The overall power density is
from 11 to 17 watts per cubic inch.
HIGH PERFORMANCE
The HR150 Series converters are high efficiency, low noise, pulse
width modulated, forward mode switching regulators with a constant
switching frequency of 125 kHz typical for single and dual output
models and 250 kHz typical for triple output models. They achieve
high isolation (500 V, 100 megohm) through use of a transformer in
the forward power circuit and an opto-coupler in the feedback
control loop.
HR 150 Series input ranges are 10 to 16 VDC or 18 to 36 VDC for
single or triple output models and 18 to 36 VDC for dual output
models. Outputs are available as 5, 12, 15, ±12, ±15, +5/±12, and
+5/±15 VDC. The converters typically provide greater than 80% effi-
ciency over the entire input range and from 25% to full load. Line
regulation is typically within 0.1 % and load regulation within 0.2%.
HR150 converters are designed to operate between –40°C and
+85°C case and are short circuit protected up to a case temperature
of 85°C. The combination of high conversion efficiency and heat
dissipating metal enclosures minimizes heat sinking requirements. If
additional dissipation is desired, heat conducting material (PCB,
copper sheet, heat sink, etc.) may be brought into contact with the
unit’s baseplate.
An inhibit function is provided for HR150 converters when the inhibit
input pin is connected to the input common. The open circuit voltage
of the inhibit input pin is 8 to 10 VDC (Vin = 12) or 11 to 13 VDC
(Vin = 28). The inhibit input pin must sink approximately 1 mA
during the inhibit state. During inhibit, the converter’s output voltage
drops to less than 1 volt and the input current is typically 8 mA.
DC/DC CONVERTERS
12 & 28 VOLT INPUT
HR150 SERIES
20 WATT
FEATURES
• –40°C to +85°C operation
• 10 to 16 VDC input or
18 to 36 VDC input
• Fully Isolated
• Optocoupler feedback
• Fixed frequency,
125 kHz typical single and dual outputs
250 kHz typical triple outputs
• Transient protection
50 V for up to 50 ms 28 Vin models
• Inhibit function
• Indefinite short circuit protection
• Up to 86% efficiency
• Output trim on single output models
MODELS
VDC OUTPUT
SINGLE
5
12
15
DUAL
±12
±15
TRIPLE
+5 & ±12
+5 & ±15


Similar Part No. - HR153-1212

ManufacturerPart #DatasheetDescription
logo
Crane Aerospace & Elect...
HR153-2812 CRANE-HR153-2812 Datasheet
410Kb / 7P
   DC/DC Converters 12 & 28 Volt Input
More results

Similar Description - HR153-1212

ManufacturerPart #DatasheetDescription
logo
Crane Aerospace & Elect...
HR151-2812 CRANE-HR151-2812 Datasheet
410Kb / 7P
   DC/DC Converters 12 & 28 Volt Input
logo
Interpoint Corporation ...
MTO1212T INTERPOINT-MTO1212T Datasheet
123Kb / 9P
   DC/DC CONVERTERS 12 & 28 VOLT INPUT
logo
Crane Aerospace & Elect...
MTO1212T CRANE-MTO1212T Datasheet
180Kb / 9P
   DC/DC CONVERTERS 12 & 28 VOLT INPUT
logo
Interpoint Corporation ...
MHE1205S INTERPOINT-MHE1205S Datasheet
174Kb / 11P
   DC/DC CONVERTERS 12 AND 28 VOLT INPUT
logo
Crane Aerospace & Elect...
MHE2812S CRANE-MHE2812S Datasheet
134Kb / 9P
   DC/DC CONVERTERS 12 AND 28 VOLT INPUT
logo
Interpoint Corporation ...
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
   DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com