Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

200VXW150M125X35 Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # 200VXW150M125X35
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

200VXW150M125X35 Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  200VXW150M125X35 Datasheet HTML 1Page - RUBYCON CORPORATION 200VXW150M125X35 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WV
Cap
(μF)
◆STANDARD SIZE, RATED RIPPLE CURRENT
φD
φ12.5
φ16
φ18
200
12.5×30
0.53
12.5×35
0.62
12.5×40
0.70
16×30
0.76
16×35
0.88
16×40
1.10
18×30
0.81
18×30
0.87
18×35
1.01
18×40
1.13
18×45
1.27
150
180
120
220
270
330
390
470
WV
Cap
(μF)
φD
φ12.5
φ16
φ18
400
12.5×30
0.32
12.5×35
0.37
12.5×40
0.42
16×30
0.48
16×30
0.50
16×35
0.58
16×40
0.66
18×30
0.58
18×35
0.67
18×40
0.77
18×45
0.88
47
56
39
68
82
100
120
150
180
WV
Cap
(μF)
φD
φ12.5
420
450
12.5×30
0.27
12.5×35
0.31
12.5×40
0.36
φ16
16×30
0.43
16×35
0.51
16×40
0.57
φ18
18×30
0.51
18×30
0.57
18×35
0.61
18×40
0.66
φ12.5
12.5×30
0.25
12.5×35
0.28
12.5×40
0.32
φ16
16×30
0.38
16×35
0.44
16×40
0.49
φ18
18×30
0.48
18×30
0.55
18×35
0.65
18×40
0.74
47
56
39
33
27
68
82
100
120
Please check with us about individual WV, Cap., size and dimensions.
Size φD×L(mm)
Ripple Current (A r.m.s./105℃, 120Hz)
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
VXW
◆DIMENSIONS
(mm)
φD
φd
F
α
12.5
0.6
5.0
18
16
0.8
7.5
2.5
L+α MAX
15MIN
4MIN
φd
φD+0.5MAX
SLEEVE


Similar Part No. - 200VXW150M125X35

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
200VXH2200MEFCSN35X50 RUBYCON-200VXH2200MEFCSN35X50 Datasheet
164Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
200VXH470MEFCSN25X25 RUBYCON-200VXH470MEFCSN25X25 Datasheet
164Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
200VXH680MEFCSN22X40 RUBYCON-200VXH680MEFCSN22X40 Datasheet
164Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
200VXR1000M30X40 RUBYCON-200VXR1000M30X40 Datasheet
56Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
200VXR1000M35X35 RUBYCON-200VXR1000M35X35 Datasheet
56Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 200VXW150M125X35

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com