Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G9131-33T74U Datasheet(PDF) 10 Page - Global Mixed-mode Technology Inc

Part # G9131-33T74U
Description  300mA Low-Dropout Linear Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G9131-33T74U Datasheet(HTML) 10 Page - Global Mixed-mode Technology Inc

Back Button G9131-33T74U Datasheet HTML 2Page - Global Mixed-mode Technology Inc G9131-33T74U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G9131-33T74U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G9131-33T74U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G9131-33T74U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G9131-33T74U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G9131-33T74U Datasheet HTML 8Page - Global Mixed-mode Technology Inc G9131-33T74U Datasheet HTML 9Page - Global Mixed-mode Technology Inc G9131-33T74U Datasheet HTML 10Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Ver: 1.6
Dec 22, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
10
G9131
Global Mixed-mode Technology Inc.
SOT-23 (T7) Package
Note:
1.Package body sizes exclude mold flash protrusions or gate burrs
2.Tolerance ±0.1000 mm (4mil) unless otherwise specified
3.Coplanarity: 0.1000mm
4.Dimension L is measured in gage plane
DIMENSION IN MILLIMETER
SYMBOL
MIN
NOM
MAX
A
1.00
1.10
1.30
A1
0.00
-----
0.10
A2
0.70
0.80
0.90
b
0.35
0.40
0.50
C
0.10
0.15
0.25
D
2.70
2.90
3.10
E
1.40
1.60
1.80
e
-----
1.90(TYP)
-----
H
2.60
2.80
3.00
L
0.37
------
-----
θ1
Taping Specification
PACKAGE
Q'TY/BY REEL
SOT-23
3,000 ea
SOT-89
1,000 ea
GMT Inc. does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and GMT Inc. reserves the right at any time without notice to change said circuitry and specifications.
H
D
e
E
L
C
θ1
b
A2
A
A1
H
D
e
E
L
C
θ1
b
A2
A
A1
Feed Direction
SOT-89 Package Orientation
Feed Direction
SOT-23 Package Orientation
Feed Direction
SOT-89 Package Orientation
Feed Direction
SOT-23 Package Orientation
Feed Direction
SOT-23 Package Orientation


Similar Part No. - G9131-33T74U

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G9131-21 HAMAMATSU-G9131-21 Datasheet
129Kb / 2P
   InGaAs PIN photodiode with preamp
G9131-22 HAMAMATSU-G9131-22 Datasheet
129Kb / 2P
   InGaAs PIN photodiode with preamp
G9131-23 HAMAMATSU-G9131-23 Datasheet
129Kb / 2P
   InGaAs PIN photodiode with preamp
G9131-24 HAMAMATSU-G9131-24 Datasheet
129Kb / 2P
   InGaAs PIN photodiode with preamp
More results

Similar Description - G9131-33T74U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G913 GMT-G913 Datasheet
85Kb / 1P
   300mA Low-Dropout Linear Regulators
G9090 GMT-G9090 Datasheet
47Kb / 2P
   300mA Low-Dropout Linear Regulators
G9002 GMT-G9002 Datasheet
58Kb / 2P
   300mA Low-Dropout Linear Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
   300mA Low-Dropout Linear Regulators
G9291 GMT-G9291 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
G9191 GMT-G9191 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
G9131 GMT-G9131_15 Datasheet
50Kb / 1P
   300mA Low-Dropout Linear Regulators
G9093 GMT-G9093 Datasheet
33Kb / 1P
   Dual, 300mA Low-Dropout Linear Regulators
G9052 GMT-G9052 Datasheet
37Kb / 1P
   Dual, 300mA Low-Dropout Linear Regulators
G9292 GMT-G9292 Datasheet
53Kb / 2P
   Dual, 300mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com