Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFL2828S Datasheet(PDF) 5 Page - Interpoint Corporation Company

Part # MFL2828S
Description  DC/DC CONVERTERS 28 VOLT INPUT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MFL2828S Datasheet(HTML) 5 Page - Interpoint Corporation Company

  MFL2828S Datasheet HTML 1Page - Interpoint Corporation Company MFL2828S Datasheet HTML 2Page - Interpoint Corporation Company MFL2828S Datasheet HTML 3Page - Interpoint Corporation Company MFL2828S Datasheet HTML 4Page - Interpoint Corporation Company MFL2828S Datasheet HTML 5Page - Interpoint Corporation Company MFL2828S Datasheet HTML 6Page - Interpoint Corporation Company MFL2828S Datasheet HTML 7Page - Interpoint Corporation Company MFL2828S Datasheet HTML 8Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PIN OUT
SMD NUMBERS
MFL
28 05 S / ES
Base Model
Input Voltage
Output Voltage
Screening
Number of Outputs
(S = single, D = dual)
(Standard screening has no designator
in this position.)
Angled corner indicates pin one.
1
2
3
4
5
6
12
11
10
9
8
7
TOP VIEW
MFL
(Pin side, marked side)
5
MFL SERIES
65 WATT
DC/DC CONVERTERS
®
MODEL NUMBERING KEY
Pin
Single Output
MFL2828S
Dual Output
1
Positive Input
Positive Input
Positive Input
2Input Common
Input Common
Input Common
3Triple (TRI)
Triple (TRI)
Triple (TRI)
4
Inhibit 1 (INH1)
Inhibit 1 (INH1)
Inhibit 1 (INH1)
5
Sync Out
Sync Out
Sync Out
6
Sync In
Sync In
Sync In
7
Positive Output
Positive Output
Positive Output
8
Output Common
No connection
Output Common
9
Sense Return
Output Common
Negative Output
10
Positive Sense
No connection
No connection
11
Slave
Slave
Slave
12
Master/ Inhibit 2
Master/ Inhibit 2
Master / Inhibit 2
Pin 6 should be connected to input common if
external sync (Sync In) is not used.
Sense pins must be connected to their respective
outputs if not used.
STANDARD MICROCIRCUIT
DRAWING (SMD)
5962-9316301HXC
5962-9316201HXC
5962-9316101HXC
IN PROCESS
5962-9319101HXC
5962-9319201HXC
5962-9319301HXC
MFL SERIES
SIMILAR PART
MFL2805S/883
MFL2812S/883
MFL2815S/883
MFL2828S/883
MFL2805D/883
MFL2812D/883
MFL2815D/883
For exact specifications for an SMD product, refer to the
SMD drawing. See Section A3, SMDs, for more information.
Typical Performance Curves: 25°C Tc , 28 VDC Vin, 100% load, free run, unless otherwise specified.
Output (Watts)
MFL2805S & MFL2805D Efficiency
60
90
85
80
75
70
10
20
30
40
50
28V
40V
65
16V
FIGURE 4
Output Power (Watts)
MFL2812S & MFL2812D Efficiency
60
90
85
80
75
70
10
20
30
40
50
60
40V
16V
28V
65
FIGURE 5
FIGURE 6
60
90
85
80
75
70
10
20
30
40
50
65
60
65
16V
Output Power (Watts)
MFL2815S & MFL2815D Efficiency
40V
28V
See Section B8, case U1, for dimensions.
FIGURE 3: PIN OUT


Similar Part No. - MFL2828S

ManufacturerPart #DatasheetDescription
logo
Crane Aerospace & Elect...
MFL2828S CRANE-MFL2828S Datasheet
217Kb / 13P
   MFL Single and Dual DC/DC Converters
MFL2828S/883 CRANE-MFL2828S/883 Datasheet
217Kb / 13P
   MFL Single and Dual DC/DC Converters
MFL2828S/ES CRANE-MFL2828S/ES Datasheet
217Kb / 13P
   MFL Single and Dual DC/DC Converters
More results

Similar Description - MFL2828S

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
   DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR301-285 CRANE-HR301-285 Datasheet
803Kb / 7P
   DC/DC CONVERTERS 28 VOLT INPUT
MRH2812S CRANE-MRH2812S Datasheet
198Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
MGA2805S CRANE-MGA2805S Datasheet
121Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
HR701-285 CRANE-HR701-285 Datasheet
121Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
MFW28512S CRANE-MFW28512S Datasheet
123Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com