Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G923-475T1UF Datasheet(PDF) 8 Page - Interpoint Corporation Company

Part # G923-475T1UF
Description  300mA High PSRR LDO Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

G923-475T1UF Datasheet(HTML) 8 Page - Interpoint Corporation Company

  G923-475T1UF Datasheet HTML 1Page - Interpoint Corporation Company G923-475T1UF Datasheet HTML 2Page - Interpoint Corporation Company G923-475T1UF Datasheet HTML 3Page - Interpoint Corporation Company G923-475T1UF Datasheet HTML 4Page - Interpoint Corporation Company G923-475T1UF Datasheet HTML 5Page - Interpoint Corporation Company G923-475T1UF Datasheet HTML 6Page - Interpoint Corporation Company G923-475T1UF Datasheet HTML 7Page - Interpoint Corporation Company G923-475T1UF Datasheet HTML 8Page - Interpoint Corporation Company G923-475T1UF Datasheet HTML 9Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Ver: 1.1
Jan 19, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
8
G923
Global Mixed-mode Technology Inc.
Layout Guide
An input capacitance of
≅ 1µF is required between the
G923 input pin and ground (the amount of the capaci-
tance may be increased without limit), This capacitor
must be located a distance of not more than 1cm from
the input and return to a clean analog ground.
Input capacitor can filter out the input voltage spike
caused by the surge current due to the inductive effect
of the package pin and the printed circuit board’s rout-
ing wire. Otherwise, the actual voltage at the IN pin
may exceed the absolute maximum rating.
The output capacitor also must be located a distance
of not more than 1cm from output to a clean analog
ground. Because it can filter out the output spike
caused by the surge current due to the inductive effect
of the package pin and the printed circuit board’s rout-
ing wire. Figure 6 is adjustable mode of G923 PCB
layout. Figure 7 is a PCB layout of G923 fixed mode.
Figure 4 Safe Operating Area
Safe Operating Area of G923 [ Power Diss ipation Limit]
0
50
100
150
200
0.0
0 .5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Input-Output Voltage Differential VIN-VOUT (V)
TA=25
TA=55
TA=85
Maximum Recommended Outp ut Curren t
TA=25°C,Still Air
1oz Copper on SOT-23-5Pack age
Mounted on recommended mimimum footprint (RθJA=240°C/ W)
Maximum Power Dissipation of SOT-23-5
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
25
35
45
55
65
75
85
9 5
105
115
125
Amibent Temperature TA (°C)
St ill Air
1oz Copper on SOT-23-5 Pack age
Mount ed on rec omm end mim imum f oot print (RθJA=240°C/W
)
Note : VIN(m ax) <=5.5V
Figure 5 Power Dissipation vs. Tem perature
Figure 4 Safe O perating Area
Figure 6. Adjustable Mode
Figure 7. Fixed Mode
*Distance between pin & capacitor must no more than 1cm
*Distance between pin & capacitor must no more than 1cm
Figure 3. Recomme nded Minimum Footprint
Amibent T emperature T A (°C)
Still Air
1oz copper on SOT-23-5 Package
Mounted on recommended foorprint (R?JA=240°C/W)


Similar Part No. - G923-475T1UF

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G923-475T1UF GMT-G923-475T1UF Datasheet
516Kb / 9P
   300mA High PSRR LDO Regulators
More results

Similar Description - G923-475T1UF

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G984 GMT-G984 Datasheet
49Kb / 1P
   300mA High PSRR LDO Regulators
G923 GMT-G923 Datasheet
516Kb / 9P
   300mA High PSRR LDO Regulators
logo
Eutech Microelectronics...
EUP7903 EUTECH-EUP7903 Datasheet
304Kb / 10P
   300mA High PSRR LDO Regulators
logo
Global Mixed-mode Techn...
G923 GMT-G923_15 Datasheet
89Kb / 2P
   300mA High PSRR LDO Regulators
logo
Advanced Power Electron...
APE8833 A-POWER-APE8833 Datasheet
346Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Global Mixed-mode Techn...
G914X GMT-G914X_07 Datasheet
289Kb / 11P
   300mA High PSRR, Low-Noise LDO Regulators
logo
Advanced Power Electron...
APE8835 A-POWER-APE8835 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Global Mixed-mode Techn...
G916 GMT-G916 Datasheet
480Kb / 13P
   300mA High PSRR, Low Noise, LDO Regulators
logo
Advanced Power Electron...
APE8835 A-POWER-APE8835_14 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Global Mixed-mode Techn...
G917 GMT-G917 Datasheet
84Kb / 1P
   300mA High PSRR, Low Noise, LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com