Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50SGV033M4X61 Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # 50SGV033M4X61
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

50SGV033M4X61 Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  50SGV033M4X61 Datasheet HTML 1Page - RUBYCON CORPORATION 50SGV033M4X61 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆DIMENSIONS
(mm)
◆SIZE, RATED RIPPLE CURRENT
Size φD×L(mm), Ripple Current (mA r.m.s./105℃, 120Hz)
6.3
(0J)
Size
Ripple
Size
Ripple
Size
Ripple
Size
Ripple
Size
Ripple
Size
Ripple
Size
Ripple
Size
Ripple
10
(1A)
16
(1C)
25
(1E)
35
(1V)
50
(1H)
63
(1J)
100
(2A)
0.1
1.0
0.22
4×6.1
4×6.1
2.6
0.33
4×6.1
3.2
0.47
4×6.1
4.0
1
4×6.1
8.0
2.2
4×6.1
11
3.3
4×6.1
14
4.7
5×6.1
19
10
6.3×6.1
35
22
33
8×10.5 140
115
120
55
135
90
65
47
8×10.5 167
10×10.5
8×10.5
8×10.5
8×10.5
10×10.5
8×10.5
55
8×10.5
10×10.5
180
100
220
330
470
1000
8×10.5 230
10×10.5 315
8×10.5 180
10×10.5 305
450
6.3×6.1
55
5×6.1
28
4×6.1
15
5×6.1
39
4×6.1
28
8×10.5 320
10×10.5 355
10×10.5
12.5×13.5
450
8×10.5 180
6.3×6.1
65
8×10.5
290
10×10.5
440
8×10.5
185
6.3×6.1
70
4×6.1
26
4×6.1
29
6.3×6.1
71
6.3×8
121
5×6.1
43
6.3×6.1
71 6.3×8
111
8×10.5 210
10×10.5 440
8×10.5 195
5×6.1
46
8×10.5 210
10×10.5
12.5×13.5
495
10×10.5
12.5×13.5
6.3×8
8×6.5
79
91
6.3×8
8×6.5
76
84
6.3×8
8×6.5
67
70
8×10.5
320
10×10.5
460
SGV
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
8
8
10
6.5
10.5
10.5
8.3
8.3
10.3
8.3
8.3
10.3
3.4
2.9
3.2
0.5∼0.8
0.8∼1.1
0.8∼1.1
2.2
3.1
4.5
φD
4
5
L
6.1
6.1
A1
4.3
5.3
B1
4.3
5.3
C
1.8
2.2
W1
0.5∼0.8
0.5∼0.8
PK
α
1.0
0.5 MAX
0
0.5 MAX
0
0.5 MAX
0
0.5 MAX
0
0.5 MAX
0
0.5 MAX
0
0.5 MAX
0
12.5
13.5
13
13
4.9
0.8∼1.1
4.5
0.7±0.4
0.5
12.5
16
13
13
4.9
0.8∼1.1
4.5
0.7±0.4
0.5
16
16.5
17
17
6
1.0∼1.6
6.8
0.7±0.4
0.5
16
21.5
17
17
6
1.0∼1.6
6.8
0.7±0.4
0.5
18
16.5
19
19
7
1.0∼1.6
6.8
0.7±0.4
0.5
18
21.5
19
19
7
1.0∼1.6
6.8
0.7±0.4
0.5
1.3
6.3
6.1
6.6
6.6
2.7
0.5∼0.8
1.8
6.3
8
6.6
6.6
2.7
0.5∼0.8
1.8
φ8×10.5∼φ18 have sleeve.
WV(V.DC)
Cap(μF)
2200
3300
4700
6800
1350
18×21.5
1200
18×21.5
750
12.5×16
1000
1200
18×21.5
810
16×16.5
500
12.5×16
930
18×16.5
16×21.5
18×16.5
16×21.5
930
1150
18×21.5
630
16×16.5
18×16.5
16×21.5
700
1700
18×21.5
1050
18×21.5
490
10×10.5
18×16.5
16×21.5
750
490
16×16.5
460
12.5×16
18×16.5
16×21.5
550
470
16×16.5
820
18×21.5
380
12.5×16
18×16.5
16×21.5
490
385
16×16.5
590
18×21.5
225
12.5×16
18×16.5
16×21.5
440
285
16×16.5
160
12.5×13.5
18×16.5
16×21.5
L +αMAX
0.3MAX
A1
±0.2
W1
K


Similar Part No. - 50SGV033M4X61

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
50SGV1M4X6 RUBYCON-50SGV1M4X6 Datasheet
201Kb / 2P
   CHIP ALUMINUM ELECTROLYTIC CAPACITORS
50SGV4.7M5X6.1 RUBYCON-50SGV4.7M5X6.1 Datasheet
181Kb / 2P
   CHIP ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 50SGV033M4X61

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com