Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

180USC330M20X30 Datasheet(PDF) 4 Page - RUBYCON CORPORATION

Part # 180USC330M20X30
Description  LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

180USC330M20X30 Datasheet(HTML) 4 Page - RUBYCON CORPORATION

  180USC330M20X30 Datasheet HTML 1Page - RUBYCON CORPORATION 180USC330M20X30 Datasheet HTML 2Page - RUBYCON CORPORATION 180USC330M20X30 Datasheet HTML 3Page - RUBYCON CORPORATION 180USC330M20X30 Datasheet HTML 4Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Case Size φD×L(mm)
Ripple Current (A r.m.s./120Hz, 85℃)
WV
Cap
(μF)
68
82
100
120
150
180
220
270
330
390
470
560
680
20×25
20×30
20×35
20×35
20×40
0.70
0.80
0.90
1.04
1.17
22×25
22×30
22×30
22×35
22×40
22×45
0.85
0.97
1.07
1.21
1.33
1.55
25×25
25×25
25×30
25×35
25×35
25×40
25×50
1.08
0.98
1.26
1.42
1.58
1.74
2.20
30×25
30×25
30×30
30×35
30×35
30×40
30×45
1.48
1.30
1.65
1.90
1.98
2.22
2.50
35×30
35×35
35×35
35×40
35×45
1.94
2.27
2.17
2.61
2.95
◆STANDARD SIZE, RATED RIPPLE CURRENT
φD
φ20
φ22
φ25
φ30
φ35
φ20
φ22
φ25
φ30
φ35
400
420
WV
Cap
(μF)
150
120
100
82
68
56
180
220
270
330
390
470
560
20×25
20×30
20×30
20×35
20×40
20×25
20×30
20×35
20×35
20×40
0.75
0.95
0.82
1.07
1.22
0.61
0.70
0.80
0.88
0.99
22×25
22×30
22×30
22×35
22×40
22×45
22×25
22×25
22×30
22×35
22×40
22×45
0.84
1.09
0.99
1.24
1.41
1.58
0.71
0.86
0.95
1.07
1.18
1.32
25×25
25×30
25×30
25×35
25×40
25×45
25×25
25×30
25×30
25×35
25×40
25×45
25×50
1.13
1.27
1.44
1.64
1.79
2.00
0.97
1.09
1.25
1.40
1.59
1.73
2.12
30×25
30×30
30×30
30×35
30×40
30×45
30×50
30×25
30×25
30×30
30×30
30×35
30×40
30×45
30×50
1.52
1.66
1.82
2.05
2.26
2.51
2.85
1.12
1.29
1.64
1.45
1.89
2.12
2.35
2.65
35×30
35×35
35×40
35×40
35×50
35×30
35×30
35×35
35×40
35×45
35×50
2.05
2.28
2.54
2.85
3.10
1.90
1.66
2.15
2.38
2.68
2.88
φD
φ20
φ22
φ25
φ30
φ35
450
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USC


Similar Part No. - 180USC330M20X30

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
180 PRODUCTWELL-180 Datasheet
178Kb / 4P
   SHIELDED SMT POWER INDUCTORS
logo
SUNMATE electronic Co.,...
180 SUNMATE-180 Datasheet
110Kb / 2P
   1.3 Watts Axial Leaded Zener Diodes
logo
Witten Company, Inc.
180 WITTEN-180 Datasheet
20Kb / 1P
   THREADED INSERT, THRU, REGULAR HEAD STYLE
logo
AiT Semiconductor Inc.
180 AITSEMI-180 Datasheet
817Kb / 4P
   POWER INDUCTOR
180 AITSEMI-180 Datasheet
718Kb / 4P
   WIRE WOUND SMD INDUCTOR
More results

Similar Description - 180USC330M20X30

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
VXR RUBYCON-VXR Datasheet
56Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
MXC RUBYCON-MXC Datasheet
79Kb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
LSU RUBYCON-LSU Datasheet
175Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
MXH RUBYCON-MXH Datasheet
210Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USR RUBYCON-USR Datasheet
1Mb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USH RUBYCON-USH Datasheet
205Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
AXF_SERIES RUBYCON-AXF_SERIES Datasheet
91Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
HXC RUBYCON-HXC Datasheet
66Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
LSQ RUBYCON-LSQ Datasheet
64Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
SXC RUBYCON-SXC Datasheet
55Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com