Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

180VXP1500M35X50 Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # 180VXP1500M35X50
Description  LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

180VXP1500M35X50 Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  180VXP1500M35X50 Datasheet HTML 1Page - RUBYCON CORPORATION 180VXP1500M35X50 Datasheet HTML 2Page - RUBYCON CORPORATION 180VXP1500M35X50 Datasheet HTML 3Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
VXP
SERIES
VXP
♦SPECIFICATIONS
Category Temperature
Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
Dissipation
Factor(MAX)
Endurance
Impedance Ratio(MAX)
Items
Characteristics
-40~+105
°C
10~100V.DC
-25~+105
°C
160~400V.DC
±20%(20°C,120Hz)
Rated Voltage(V)
Z(-25
°C)/Z(20°C)
10~100
3
160~250
3
315~400
8
Z(-40
°C)/Z(20°C)
12
Leakage Current
Dissipation Factor
Capacitance Change
Within
±20%(For 10WV ; ±25%)of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
105
°C 5000 hours, Snap-in Terminal Type
♦FEATURES
Load Life : 105°C 5000 hours.
(20
°C,120Hz)
(120Hz)
Rated Voltage(V)
tan
δ
0.55
10
0.50
16
0.45
25
0.40
35
0.35
50
0.30
63
0.25
80
0.20
100
0.15
160~
250
0.20
315~
400
♦PART NUMBER
♦Option
♦DIMENSIONS
(mm)
MOUNTING HOLES
10±
0.1
φD±1
2-
φ2
10
φD±1
NEGATIVE
*4
±0.5
L
±2
SLEEVE
VENT
*For
φ35, 3.5±0.5
SN [4(3.5)mm] terminal type
♦MULTIPLIER FOR RIPPLE CURRENT
Frequency coefficient
Frequency
(Hz)
Coefficient
60(50) 120
500
1k
10k<
=
0.90 1.00 1.05 1.10 1.15
0.80 1.00 1.20 1.30 1.50
0.80 1.00 1.20 1.25 1.40
10~100WV
160~250WV
315~400WV
After applying rated voltage with rated ripple current for 5000hrs at 105
°C, the capacitors shall
meet the following requirements.
I=Leakage Current(
µA)
V=Rated Voltage(V)
C=Rated Capacitance(
µF)
I=3 CV
(After 5 minutes application of rated voltage)
Blank
OOE
Code
without plate
with plate
Rated Voltage
VXP
Series
Terminal Code
OOE
Option
DxL
Case Size
Rated Capacitance
Capacitance Tolerance


Similar Part No. - 180VXP1500M35X50

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
180VXR1000M25X50 RUBYCON-180VXR1000M25X50 Datasheet
56Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
180VXR1000M30X35 RUBYCON-180VXR1000M30X35 Datasheet
56Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
180VXR1000M35X30 RUBYCON-180VXR1000M35X30 Datasheet
56Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
180VXR820M25X40 RUBYCON-180VXR820M25X40 Datasheet
56Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
180VXR820M30X35 RUBYCON-180VXR820M30X35 Datasheet
56Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 180VXP1500M35X50

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
VXR RUBYCON-VXR Datasheet
56Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
MXC RUBYCON-MXC Datasheet
79Kb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
LSU RUBYCON-LSU Datasheet
175Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
MXH RUBYCON-MXH Datasheet
210Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USR RUBYCON-USR Datasheet
1Mb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USH RUBYCON-USH Datasheet
205Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
AXF_SERIES RUBYCON-AXF_SERIES Datasheet
91Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
HXC RUBYCON-HXC Datasheet
66Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
LSQ RUBYCON-LSQ Datasheet
64Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
SXC RUBYCON-SXC Datasheet
55Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USC RUBYCON-USC Datasheet
71Kb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com