Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50SGV22M4X61 Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # 50SGV22M4X61
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

50SGV22M4X61 Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  50SGV22M4X61 Datasheet HTML 1Page - RUBYCON CORPORATION 50SGV22M4X61 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RoHS compliance.
◆MARKING
〈φ4∼φ6.3, φ8×6.5〉 〈φ8×10.5, φ10∼φ18〉
Series
Lot No.
Lot No.
Capacitance
Trade mark
Maximum operating
temperature
Capacitance
Rated voltage
(6.3WV:Marking 6V)
Rated voltage
Polarity of the terminals
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
SGV
SERIES
SGV
◆SPECIFICATIONS
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
Dissipation Factor(MAX)
(tanδ)
Endurance
Low Temperature Stability
Impedance Ratio(MAX)
Items
Characteristics
−55∼+105℃
6.3∼50V.DC
−40∼+105℃
63 , 100V.DC
±20%(20℃,120Hz)
I
=0.01CV or 3μA whichever is greater.       
(After 2 minutes application of rated voltage)
I
Leakage Current(μA)     C=Rated Capacitance(μF)     V=Rated Voltage(V)
Rated Voltage
(V)
tanδ
φ4,φ5,φ6.3×6.1
φ6.3×8,φ8∼φ18
0.30
6.3
0.24
10
0.20
16
0.16
25
0.14
35
0.12
0.35 0.26 0.24 0.18 0.14 0.12
50
Rated Voltage
(V)
Z(−40℃)/Z(20℃)
Z(−25℃)/Z(20℃)
6.3
88
10
4
16
4
25
3
35
3
432222
50
Leakage Current
Dissipation Factor
Capacitance Change
Within ±25% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
After applying rated voltage with rated ripple current for 2000 hrs at 105℃, the capacitors shall meet the following requirements.
105℃ Long Life, Lead Free Reflow Soldering.
◆FEATURES
Load Life : 105℃ 2000 hours.
Lead free reflow soldering is available.
Available for high density mounting.
63
0.12 0.10
100
(20℃,120Hz)
5
63
5
22
100
(120Hz)
◆MULTIPLIER FOR RIPPLE CURRENT
 Frequency coefficient
◆PART NUMBER
□□□
Rated Voltage
SGV
Series
□□□
Option
D×L
Case Size
□□□□□
Rated Capacitance
Capacitance Tolerance
Frequency
(Hz)
Coefficient
60(50) 120
500
1k
10k≦
0.50
1.00
1.20
1.30
1.50
0.65
0.1∼1μF
2.2∼4.7μF
1.00
1.20
1.30
1.50
0.80
10∼47μF
1.00
1.20
1.30
1.50
0.80
100∼1000μF
1.00
1.10
1.15
1.20
0.80
2200∼6800μF
1.00
1.05
1.10
1.15
When rated capacitance is over 1000μF, tanδ shall be added 0.02 to the listed value with increase of every 1000μF.
DAA
47
16V
Rubycon
100μF
50V


Similar Part No. - 50SGV22M4X61

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
50SGV1M4X6 RUBYCON-50SGV1M4X6 Datasheet
201Kb / 2P
   CHIP ALUMINUM ELECTROLYTIC CAPACITORS
50SGV4.7M5X6.1 RUBYCON-50SGV4.7M5X6.1 Datasheet
181Kb / 2P
   CHIP ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 50SGV22M4X61

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com