Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G916-480TOUF Datasheet(PDF) 11 Page - Global Mixed-mode Technology Inc

Part # G916-480TOUF
Description  300mA High PSRR, Low Noise, LDO Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G916-480TOUF Datasheet(HTML) 11 Page - Global Mixed-mode Technology Inc

Back Button G916-480TOUF Datasheet HTML 5Page - Global Mixed-mode Technology Inc G916-480TOUF Datasheet HTML 6Page - Global Mixed-mode Technology Inc G916-480TOUF Datasheet HTML 7Page - Global Mixed-mode Technology Inc G916-480TOUF Datasheet HTML 8Page - Global Mixed-mode Technology Inc G916-480TOUF Datasheet HTML 9Page - Global Mixed-mode Technology Inc G916-480TOUF Datasheet HTML 10Page - Global Mixed-mode Technology Inc G916-480TOUF Datasheet HTML 11Page - Global Mixed-mode Technology Inc G916-480TOUF Datasheet HTML 12Page - Global Mixed-mode Technology Inc G916-480TOUF Datasheet HTML 13Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Ver: 1.7
Jan 25, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
11
G916
Global Mixed-mode Technology Inc.
Layout Guide
An input capacitance of
≅ 1µF is required between the
G916 input pin and ground (the amount of the capaci-
tance may be increased without limit), This capacitor
must be located a distance of not more than 1cm from
the input and return to a clean analog ground.
Input capacitor can filter out the input voltage spike
caused by the surge current due to the inductive effect
of the package pin and the printed circuit board’s rout-
ing wire. Otherwise, the actual voltage at the IN pin
may exceed the absolute maximum rating.
The output capacitor also must be located a distance
of not more than 1cm from output to a clean analog
ground. Because it can filter out the output spike
caused by the surge current due to the inductive effect
of the package pin and the printed circuit board’s rout-
ing wire. Figure 5 is adjustable mode of G916 PCB
layout.
0
50
100
150
200
250
300
350
400
0.5 0.7 0.9 1.1 1.3 1.5 1.7 1.9 2.1 2.3 2.5 2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3
Input-Output Voltage Differential VIN-VOUT (V)
TA = 85°C
Still air
1oz copper on SOT-23-5 package
Mounted on recommended foorprint (RθJA=240°C/W)
TA = 25°C
TA = 55°C
Note: VIN(max) <= 5.5V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
25
35
45
55
65
75
85
95
105
115
125
Amibent Temperature TA (°C)
Still air
1oz copper on SOT-23-5 package
Mounted on recommended foorprint (RθJA=240°C/W)
0
50
100
150
200
250
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 4.0 4.2
Input-Output Voltage Differential VIN-VOUT (V)
Mounted on recommended foorprint (RθJA=240°C/W)
TA = 25°C
TA = 55°C
TA = 85°C
Still Air
1oz copper on SOT-23-5 Package
Recommend Minimum Footprint
TSOT-23-5、SOT-23-5
Figure 5. Adjustable Mode
*Distance between pin & capacitor must no more than 1cm
Figure 3a. Safe Operating Area (IOUT=150mA)
Safe Operating Area of IOUT=150mA
[Power Dissipation Limit]
Note: VIN (max) <= 5.5V
Maximum Power Dissipation of SOT-23-5
Figure 4. Power Dissipation vs. Ambient Temperature
Figure 3b. Safe Operating Area (IOUT=300mA)
Safe Operating Area of IOUT=300mA
[Power Dissipation Limit]


Similar Part No. - G916-480TOUF

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G916-500 GMT-G916-500 Datasheet
48Kb / 1P
   500mA High PSRR, Low Noise, LDO Regulators
More results

Similar Description - G916-480TOUF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8833 A-POWER-APE8833 Datasheet
346Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Global Mixed-mode Techn...
G914X GMT-G914X_07 Datasheet
289Kb / 11P
   300mA High PSRR, Low-Noise LDO Regulators
logo
Advanced Power Electron...
APE8835 A-POWER-APE8835 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
APE8835 A-POWER-APE8835_14 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Global Mixed-mode Techn...
G917 GMT-G917 Datasheet
84Kb / 1P
   300mA High PSRR, Low Noise, LDO Regulators
G916 GMT-G916_15 Datasheet
91Kb / 2P
   300mA High PSRR, Low Noise, LDO Regulators
G914X GMT-G914X_15 Datasheet
63Kb / 1P
   300mA High PSRR, Low-Noise LDO Regulators
G918 GMT-G918 Datasheet
49Kb / 1P
   300mA High PSRR, Low Noise, LDO Regulators
G984 GMT-G984 Datasheet
49Kb / 1P
   300mA High PSRR LDO Regulators
G923 GMT-G923 Datasheet
516Kb / 9P
   300mA High PSRR LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com