Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM2812D Datasheet(PDF) 3 Page - Interpoint Corporation Company

Part # MSM2812D
Description  DC/DC CONVERTERS 28 VOLT INPUT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MSM2812D Datasheet(HTML) 3 Page - Interpoint Corporation Company

  MSM2812D Datasheet HTML 1Page - Interpoint Corporation Company MSM2812D Datasheet HTML 2Page - Interpoint Corporation Company MSM2812D Datasheet HTML 3Page - Interpoint Corporation Company MSM2812D Datasheet HTML 4Page - Interpoint Corporation Company MSM2812D Datasheet HTML 5Page - Interpoint Corporation Company MSM2812D Datasheet HTML 6Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
MSM SERIES
5 WATT
DC/DC CONVERTERS
Notes:
1. The maximum specification indicates the converter’s total output power, Up
to 75% of the total is available from either output providing the other output
maintains a minimum of 25% of the total power.
2. Short circuit is measured with a 50 mohm resistive load.
3. Time to settle within 1% of V
OUT
4. Transition
≥ 10 µs.
DUAL OUTPUT MODELS
MSM2812D
MSM2815D
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP MAX
UNITS
OUTPUT VOLTAGE
Tc = 25°C
±11.82 ±12
±12.18
±14.78 ±15 ±15.23
VDC
OUTPUT CURRENT
V
IN
= 16 TO 40 VDC
0
±208
0
±167
mA
OUTPUT POWER
1
V
IN
= 16 TO 40 VDC
0
5
0
5
W
OUTPUT RIPPLE
10 kHz - 2 MHz
180
150
VOLTAGE +VOUT
Tc = –55°C TO +125°C
1200
1000
mV p-p
–VOUT
10 kHz - 2 MHz
180
150
Tc = –55°C TO +125°C
1200
1000
LINE REGULATION
+VOUT
120
150
mV
V
IN
= 16 TO 40 VDC
–VOUT
120
150
LOAD REGULATION
+VOUT
350
400
mV
NO LOAD TO FULL
–VOUT
350
400
INPUT VOLTAGE
CONTINUOUS
16
28
40
16
28
40
VDC
NO LOAD TO FULL
TRANSIENT 120 ms
0
80
0
80
V
INPUT CURRENT
NO LOAD
20
16
FULL LOAD
230
220
mA
INHIBITED
4.5
4.5
INPUT RIPPLE
10 kHz - 2 MHz
20
15
mA p-p
CURRENT
Tc = –55°C TO +125°C
120
100
EFFICIENCY
80
82
%
LOAD FAULT
POWER DISSIPATION
OVERLOAD
1.7
1.5
W
SHORT CIRCUIT
2
0.8
0.7
RECOVERY
3
8.0
7.5
ms
OUTPUT CURRENT
TRIP POINT
350
280
SHORT CIRCUIT
380
300
mA
STEP LOAD
50 %–100%– 50%
RESPONSE ± VOUT
TRANSIENT
4
400
400
mV pk
RECOVERY
3
1
—1—
ms
STEP LINE
16 TO 40 TO 16 VIN
RESPONSE ± VOUT
TRANSIENT
4
500
500
mV pk
RECOVERY
3
2
—2—
ms
START–UP ± VOUT
DELAY
4
3.5
ms
OVERSHOOT
350
400
mV pk
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, unless otherwise specified.


Similar Part No. - MSM2812D

ManufacturerPart #DatasheetDescription
logo
Littelfuse
MSM20.15W9 LITTELFUSE-MSM20.15W9 Datasheet
177Kb / 2P
   Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
logo
StarHope
MSM200 SPSEMI-MSM200 Datasheet
505Kb / 3P
   Surface Mount Devices
logo
ADL Embedded Solutions
MSM200X ADL-MSM200X Datasheet
250Kb / 2P
   PCI/104-Express
logo
Littelfuse
MSM210P3 LITTELFUSE-MSM210P3 Datasheet
177Kb / 2P
   Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
logo
Schurter Inc.
MSM22 SCHURTER-MSM22 Datasheet
82Kb / 7P
   Snap-in switch for switches PSE, MSM and MCS 30
More results

Similar Description - MSM2812D

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
   DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR301-285 CRANE-HR301-285 Datasheet
803Kb / 7P
   DC/DC CONVERTERS 28 VOLT INPUT
MRH2812S CRANE-MRH2812S Datasheet
198Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
MGA2805S CRANE-MGA2805S Datasheet
121Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
HR701-285 CRANE-HR701-285 Datasheet
121Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
MFW28512S CRANE-MFW28512S Datasheet
123Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com