Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM4575J Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # PM4575J
Description  Silicon N-Channel Power MOS FET Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

PM4575J Datasheet(HTML) 4 Page - Hitachi Semiconductor

  PM4575J Datasheet HTML 1Page - Hitachi Semiconductor PM4575J Datasheet HTML 2Page - Hitachi Semiconductor PM4575J Datasheet HTML 3Page - Hitachi Semiconductor PM4575J Datasheet HTML 4Page - Hitachi Semiconductor PM4575J Datasheet HTML 5Page - Hitachi Semiconductor PM4575J Datasheet HTML 6Page - Hitachi Semiconductor PM4575J Datasheet HTML 7Page - Hitachi Semiconductor PM4575J Datasheet HTML 8Page - Hitachi Semiconductor PM4575J Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PM4575J
4
Power vs. Temperature Derating
050
100
150
Case Temperature T (°C)
300
200
100
C
100
10
1
0.1
0.1
1
10
100
Drain to Source Voltage V
(V)
DS
Maximum Safe Operation Area
100
s
µ
10
s
µ
1 ms
PW
=
10
ms
DC
Operation
(Ta
=
25°C)
Operation
in
this
area
is
limited
by
R
(on)
PM5075J
PM4575J
Ta = 25°C
DS
1000
0.01
1000
100
80
60
40
20
04
8
12
16
20
Drain to Source Voltage V
(V)
DS
Typical Output Characteristics
V
= 10 V
GS
V
= 6 V
GS
V
= 5 V
GS
V
= 4.5 V
GS
V
= 4 V
GS
Pulse Test
100
80
60
40
20
02
4
6
8
10
Gate to Source Voltage V
(V)
GS
Typical Transfer Characteristics
V
= 10 V
Pulse Test
DS
Ta = 75°C
Ta = 25°C
Ta = –25°C


Similar Part No. - PM4575J

ManufacturerPart #DatasheetDescription
logo
Powerbox
PM450 POWERBOX-PM450 Datasheet
439Kb / 3P
   450 - 480 watts single & multiple output ac/dc medical
logo
Mitsubishi Electric Sem...
PM450CLA060 MITSUBISHI-PM450CLA060 Datasheet
131Kb / 8P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
logo
Powerex Power Semicondu...
PM450CLA060 POWEREX-PM450CLA060 Datasheet
282Kb / 6P
   Three Phase IGBT Inverter 450 Amperes/600 Volts
logo
Mitsubishi Electric Sem...
PM450CLA120 MITSUBISHI-PM450CLA120 Datasheet
130Kb / 8P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
logo
Powerex Power Semicondu...
PM450CLA120 POWEREX-PM450CLA120 Datasheet
287Kb / 6P
   Intellimod??L-Series Three Phase IGBT Inverter 450 Amperes/1200 Volts
More results

Similar Description - PM4575J

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
PM45502C HITACHI-PM45502C Datasheet
50Kb / 9P
   Silicon N-Channel Power MOS FET Module
logo
Toshiba Semiconductor
MP4202 TOSHIBA-MP4202 Datasheet
322Kb / 6P
   POWER MOS FET MODULE SILICON N CHANNEL MOS TYPE
MP4410 TOSHIBA-MP4410 Datasheet
155Kb / 3P
   POWER MOS FET MODULE SILICON N CHANNEL MOS TYPE
MP4210 TOSHIBA-MP4210 Datasheet
318Kb / 5P
   POWER MOS FET MODULE SILICON N CHANNEL MOS TYPE
logo
List of Unclassifed Man...
MP4703 ETC-MP4703 Datasheet
331Kb / 7P
   POWER MOS FET MODULE SILICON N CHANNEL MOS TYPE
logo
Renesas Technology Corp
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Toshiba Semiconductor
MP4403 TOSHIBA-MP4403 Datasheet
328Kb / 7P
   TOSHIBA POWER MOS FET MODULE SILICON N CHANNEL MOS TYPE
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
logo
Toshiba Semiconductor
MP6404 TOSHIBA-MP6404 Datasheet
276Kb / 11P
   TOSHIBA Power MOS FET Module Silicon N&P Channel MOS Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com