Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMFLHP Datasheet(PDF) 5 Page - Interpoint Corporation Company

Part # SMFLHP
Description  DC/DC CONVERTERS 28 VOLT INPUT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMFLHP Datasheet(HTML) 5 Page - Interpoint Corporation Company

  SMFLHP Datasheet HTML 1Page - Interpoint Corporation Company SMFLHP Datasheet HTML 2Page - Interpoint Corporation Company SMFLHP Datasheet HTML 3Page - Interpoint Corporation Company SMFLHP Datasheet HTML 4Page - Interpoint Corporation Company SMFLHP Datasheet HTML 5Page - Interpoint Corporation Company SMFLHP Datasheet HTML 6Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PIN OUT
Angled corner indicates pin one.
1
2
3
4
5
6
12
11
10
9
8
7
TOP VIEW
SMFLHP
(Pin side, marked side)
See cases “U maximum dimensions” and “U” for dimensions.
FIGURE 3: PIN OUT
SMFLHP SERIES
100 WATT
DC/DC CONVERTERS
MODEL NUMBERING KEY
SMFLHP
28 05 S / K
R
Base Model
Input Voltage
Output Voltage
Screening
Number of Outputs
(S = single, D = dual)
Radiation Level
Typical Performance Curves: 25°C Tc , 28 VDC Vin, 100% load, free run, unless otherwise specified.
Output (Watts)
SMFLHP2805S & SMFLHP2805D
Efficiency
60
90
85
80
75
70
10
30
50
70
90
28V
40V
65
19V
FIGURE 4
Output Power (Watts)
SMFLHP2812S & SMFLHP2812D
Efficiency
60
90
85
80
75
70
10
30
50
70
90
65
19V
28V
40V
FIGURE 5
FIGURE 6
60
90
85
80
75
70
10
30
50
70
90
65
Output Power (Watts)
SMFLHP2815S & SMFLHP2815D
Efficiency
19V
40V
28V
100
Pin
Single Output
Dual Output
1
Positive Input
Positive Input
2
Input Common
Input Common
3
Triple (TRI)
Triple (TRI)
4
Inhibit 1 (INH1)
Inhibit 1 (INH1)
5
Sync Out
Sync Out
6
Sync In
Sync In
7
Positive Output
Positive Output
8
Output Common
Output Common
9
Sense Return
Negative Output
10
Positive Sense
No connection
11
Slave
Slave
12
Master / Inhibit 2 Master / Inhibit 2
(MSTR/INH2)
(MSTR/INH2)


Similar Part No. - SMFLHP

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
SMFLHP2805D INTERPOINT-SMFLHP2805D Datasheet
493Kb / 13P
   Parallel operation with current share, up to 3 units (228 watts)
SMFLHP2805D INTERPOINT-SMFLHP2805D Datasheet
313Kb / 15P
   SMFLHP Single and Dual DC-DC Converters
SMFLHP2805D INTERPOINT-SMFLHP2805D_07 Datasheet
493Kb / 13P
   Parallel operation with current share, up to 3 units (228 watts)
SMFLHP2805S INTERPOINT-SMFLHP2805S Datasheet
493Kb / 13P
   Parallel operation with current share, up to 3 units (228 watts)
SMFLHP2805S INTERPOINT-SMFLHP2805S Datasheet
313Kb / 15P
   SMFLHP Single and Dual DC-DC Converters
More results

Similar Description - SMFLHP

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
   DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR301-285 CRANE-HR301-285 Datasheet
803Kb / 7P
   DC/DC CONVERTERS 28 VOLT INPUT
MRH2812S CRANE-MRH2812S Datasheet
198Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
MGA2805S CRANE-MGA2805S Datasheet
121Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
HR701-285 CRANE-HR701-285 Datasheet
121Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
MFW28512S CRANE-MFW28512S Datasheet
123Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com