Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

350USC150M20X30 Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # 350USC150M20X30
Description  LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

350USC150M20X30 Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  350USC150M20X30 Datasheet HTML 1Page - RUBYCON CORPORATION 350USC150M20X30 Datasheet HTML 2Page - RUBYCON CORPORATION 350USC150M20X30 Datasheet HTML 3Page - RUBYCON CORPORATION 350USC150M20X30 Datasheet HTML 4Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Case Size φD×L(mm)
Ripple Current (A r.m.s./120Hz, 85℃)
WV
Cap
(μF)
8200
10000
12000
15000
18000
22000
27000
33000
39000
47000
56000
68000
82000
◆STANDARD SIZE, RATED RIPPLE CURRENT
φD
φ20
φ22
φ25
φ30
φ35
φ20
φ22
φ25
φ30
φ35
10
16
WV
Cap
(μF)
6800
5600
4700
3900
3300
8200
10000
12000
15000
18000
22000
27000
33000
39000
47000
φD
φ20
φ22
φ25
φ30
φ35
φ20
φ22
φ25
φ30
φ35
25
35
WV
Cap
(μF)
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
15000
18000
φD
φ20
φ22
φ25
φ30
φ35
φ20
φ22
φ25
φ30
φ35
50
63
20×25
20×35
20×30
20×40
20×30
20×25
20×35
20×40
20×30
20×25
20×35
20×40
2.22
2.90
2.44
3.31
2.56
2.33
2.91
3.18
2.21
2.07
2.41
2.72
20×25
20×30
20×35
20×40
20×25
20×30
20×35
20×40
20×25
20×30
20×35
2.56
2.85
3.20
3.70
2.14
2.28
2.46
2.79
1.69
2.04
2.40
20×40 2.52
22×25
22×30
22×35
22×40
22×45
22×50
22×25
22×30
22×40
22×35
22×45
22×50
22×25
22×30
22×30
22×35
22×40
22×45
2.41
2.88
3.22
3.79
4.04
4.58
2.56
2.91
3.53
3.18
4.08
4.68
2.21
2.41
2.72
3.01
3.43
3.94
22×25
22×30
22×35
22×40
22×45
22×50
22×30
22×25
22×35
22×40
22×45
22×50
22×25
22×30
22×35
22×40
22×45
2.85
3.20
3.70
3.98
4.52
4.98
2.79
2.46
2.89
3.47
3.59
4.51
2.04
2.40
2.52
2.69
3.10
22×50 3.49
25×25
25×30
25×30
25×35
25×40
25×45
25×50
25×30
25×25
25×35
25×45
25×40
25×25
25×30
25×35
25×35
25×40
25×50
2.88
3.08
3.66
4.04
4.56
5.29
5.78
3.53
3.18
4.08
5.19
25×50 6.02
4.68
2.72
3.01
3.43
3.94
4.37
5.02
25×25
25×30
25×35
25×40
25×45
25×50
25×25
25×30
25×30
25×35
25×40
25×25
25×30
25×40
25×45
25×35
25×50
3.70
3.98
4.52
4.98
5.49
6.11
2.79
2.89
3.47
3.59
4.51
25×45 4.80
2.52
2.69
3.49
3.10
3.81
4.41
30×25
30×30
30×30
30×35
30×40
30×45
30×50
30×30
30×25
30×40
30×35
30×45
30×50
30×30
30×25
30×35
30×40
30×45
30×50
3.58
3.99
4.58
5.21
5.78
6.59
7.50
4.68
4.08
6.02
5.19
6.75
7.56
3.94
3.43
4.37
5.02
5.60
6.44
35×30
35×35
35×35
35×40
35×50
35×30
35×35
35×40
35×45
35×30
35×35
35×40
35×45
5.05
5.55
6.40
7.48
8.50
5.19
6.02
6.75
7.56
35×50 8.30
5.02
5.60
6.44
6.71
30×25
30×30
30×35
30×40
30×45
30×50
30×25
30×30
30×30
30×35
30×40
30×45
30×25
30×30
30×35
30×40
30×45
30×50
4.52
4.98
5.49
6.11
6.80
7.62
3.47
3.59
4.51
4.80
5.70
6.38
3.10
3.49
3.81
4.41
4.90
5.49
35×30
35×35
35×35
35×45
35×50
35×35
35×30
35×40
35×45
35×50
35×30
35×35
35×40
35×45
5.49
6.11
6.80
8.45
35×40 7.62
9.14
5.70
4.80
6.38
6.90
7.49
4.41
4.90
5.49
6.30
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USC
WV
Cap
(μF)
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
φD
φ20
φ22
φ25
φ30
φ35
φ20
φ22
φ25
φ30
φ35
80
100
20×25
20×30
20×35
20×30
20×40
1.56
1.80
2.30
2.10
2.53
20×25
20×30
20×30
20×35
20×40
1.66
1.86
2.02
2.12
2.45
22×25
22×30
22×30
22×35
22×40
22×45
1.80
2.10
2.30
2.53
2.93
3.25
22×25
22×30
22×30
22×35
22×40
22×45
1.86
2.02
2.12
2.45
2.77
3.12
25×25
25×30
25×35
25×35
25×40
25×45
2.30
2.53
2.93
3.25
3.62
4.28
25×25
25×30
25×30
25×35
25×40
25×50
2.12
2.45
2.77
3.12
3.61
4.06
30×25
30×30
30×35
30×40
30×45
30×45
2.93
3.25
3.62
4.28
4.55
5.83
35×30
35×35
35×40
35×45
35×50
4.28
4.55
5.83
6.40
7.03
30×25
30×30
30×30
30×35
30×40
30×45
2.77
3.12
3.61
4.06
4.60
5.13
35×30
35×35
35×40
35×45
35×50
4.06
4.60
5.13
5.75
6.01


Similar Part No. - 350USC150M20X30

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
350USR180M25X30 RUBYCON-350USR180M25X30 Datasheet
1Mb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
350USR220M22X40 RUBYCON-350USR220M22X40 Datasheet
1Mb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
350USR220M25X35 RUBYCON-350USR220M25X35 Datasheet
1Mb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
350USR220M30X25 RUBYCON-350USR220M30X25 Datasheet
1Mb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
350USR270M22X45 RUBYCON-350USR270M22X45 Datasheet
1Mb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 350USC150M20X30

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
VXR RUBYCON-VXR Datasheet
56Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
MXC RUBYCON-MXC Datasheet
79Kb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
LSU RUBYCON-LSU Datasheet
175Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
MXH RUBYCON-MXH Datasheet
210Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USR RUBYCON-USR Datasheet
1Mb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USH RUBYCON-USH Datasheet
205Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
AXF_SERIES RUBYCON-AXF_SERIES Datasheet
91Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
HXC RUBYCON-HXC Datasheet
66Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
LSQ RUBYCON-LSQ Datasheet
64Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
SXC RUBYCON-SXC Datasheet
55Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com