Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G916-400T1U Datasheet(PDF) 2 Page - Global Mixed-mode Technology Inc

Part # G916-400T1U
Description  300mA High PSRR, Low Noise, LDO Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G916-400T1U Datasheet(HTML) 2 Page - Global Mixed-mode Technology Inc

  G916-400T1U Datasheet HTML 1Page - Global Mixed-mode Technology Inc G916-400T1U Datasheet HTML 2Page - Global Mixed-mode Technology Inc G916-400T1U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G916-400T1U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G916-400T1U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G916-400T1U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G916-400T1U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G916-400T1U Datasheet HTML 8Page - Global Mixed-mode Technology Inc G916-400T1U Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Ver: 1.7
Jan 25, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G916
Global Mixed-mode Technology Inc.
Ordering Information
ORDER
NUMBER
ORDER NUMBER
(Pb free)
MARKING
VOLTAGE
TEMP.
RANGE
PACKAGE
G916-250TOU
G916-250TOUf
96ANx
2.50V
-40°C~ +85°C
TSOT-23-5
G916-270TOU
G916-270TOUf
96APx
2.70V
-40°C~ +85°C
TSOT-23-5
G916T1U
G916T1Uf
16xx
Adjustable
-40°C~ +85°C
SOT-23-5
G916-120T1U
G916-120T1Uf
96AAx
1.20V
-40°C~ +85°C
SOT-23-5
G916-330T1U
G916-330T1Uf
6Axx
3.30V
-40°C~ +85°C
SOT-23-5
For other output voltage, please contact us at sales@gmt.com.tw
Note: TO: TSOT-23-5
T1: SOT-23-5
U: Tape & Reel
Selector Guide
ORDER NUMBER
ORDER NUMBER
(Pb free)
OUTPUT VOLTAGE (V)
MARKING
G916TOU
G916TOUf
Adjustable
16xx
G916-120TOU
G916-120TOUf
1.20
96AAx
G916-130TOU
G916-130TOUf
1.30
96ABx
G916-140TOU
G916-140TOUf
1.40
96ACx
G916-150TOU
G916-150TOUf
1.50
96ADx
G916-160TOU
G916-160TOUf
1.60
96AEx
G916-170TOU
G916-170TOUf
1.70
96AFx
G916-180TOU
G916-180TOUf
1.80
96AGx
G916-190TOU
G916-190TOUf
1.90
96AHx
G916-200TOU
G916-200TOUf
2.00
96AIx
G916-210TOU
G916-210TOUf
2.10
96AJx
G916-220TOU
G916-220TOUf
2.20
96AKx
G916-230TOU
G916-230TOUf
2.30
96ALx
G916-240TOU
G916-240TOUf
2.40
96AMx
G916-250TOU
G916-250TOUf
2.50
96ANx
G916-260TOU
G916-260TOUf
2.60
96AOx
G916-270TOU
G916-270TOUf
2.70
96APx
G916-280TOU
G916-280TOUf
2.80
96AQx
G916-285TOU
G916-285TOUf
2.85
96ARx
G916-290TOU
G916-290TOUf
2.90
96ASx
G916-300TOU
G916-300TOUf
3.00
96ATx
G916-310TOU
G916-310TOUf
3.10
96AUx
G916-315TOU
G916-315TOUf
3.15
96AVx
G916-320TOU
G916-320TOUf
3.20
96AWx
G916-330TOU
G916-330TOUf
3.30
6Axx
G916-340TOU
G916-340TOUf
3.40
96AYx
G916-350TOU
G916-350TOUf
3.50
96AZx
G916-360TOU
G916-360TOUf
3.60
96BAx
G916-370TOU
G916-370TOUf
3.70
96BBx
G916-380TOU
G916-380TOUf
3.80
96BCx
G916-390TOU
G916-390TOUf
3.90
96BDx
G916-400TOU
G916-400TOUf
4.00
96BEx
G916-410TOU
G916-410TOUf
4.10
96BFx
G916-420TOU
G916-420TOUf
4.20
96BGx
G916-430TOU
G916-430TOUf
4.30
96BHx
G916-440TOU
G916-440TOUf
4.40
96BIx
G916-450TOU
G916-450TOUf
4.50
96BJx
G916-460TOU
G916-460TOUf
4.60
96BKx
G916-470TOU
G916-470TOUf
4.70
96BLx
G916-475TOU
G916-475TOUf
4.75
96BMx
G916-480TOU
G916-480TOUf
4.80
96BNx
G916-490TOU
G916-490TOUf
4.90
96BOx
G916-500TOU
G916-500TOUf
5.00
96BPx
TO: TSOT-23-5


Similar Part No. - G916-400T1U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G916-500 GMT-G916-500 Datasheet
48Kb / 1P
   500mA High PSRR, Low Noise, LDO Regulators
More results

Similar Description - G916-400T1U

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8833 A-POWER-APE8833 Datasheet
346Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Global Mixed-mode Techn...
G914X GMT-G914X_07 Datasheet
289Kb / 11P
   300mA High PSRR, Low-Noise LDO Regulators
logo
Advanced Power Electron...
APE8835 A-POWER-APE8835 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
APE8835 A-POWER-APE8835_14 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Global Mixed-mode Techn...
G917 GMT-G917 Datasheet
84Kb / 1P
   300mA High PSRR, Low Noise, LDO Regulators
G916 GMT-G916_15 Datasheet
91Kb / 2P
   300mA High PSRR, Low Noise, LDO Regulators
G914X GMT-G914X_15 Datasheet
63Kb / 1P
   300mA High PSRR, Low-Noise LDO Regulators
G918 GMT-G918 Datasheet
49Kb / 1P
   300mA High PSRR, Low Noise, LDO Regulators
G984 GMT-G984 Datasheet
49Kb / 1P
   300mA High PSRR LDO Regulators
G923 GMT-G923 Datasheet
516Kb / 9P
   300mA High PSRR LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com