Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2252215201011 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 2252215201011
Description  MONO-AXIAL-TM SERIES LEADED CERAMIC MULTILAYER CAPACITORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

2252215201011 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button 2252215201011 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2252215201011 Datasheet HTML 3Page - List of Unclassifed Manufacturers 2252215201011 Datasheet HTML 4Page - List of Unclassifed Manufacturers 2252215201011 Datasheet HTML 5Page - List of Unclassifed Manufacturers 2252215201011 Datasheet HTML 6Page - List of Unclassifed Manufacturers 2252215201011 Datasheet HTML 7Page - List of Unclassifed Manufacturers 2252215201011 Datasheet HTML 8Page - List of Unclassifed Manufacturers 2252215201011 Datasheet HTML 9Page - List of Unclassifed Manufacturers 2252215201011 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
2 2 5 2 X X
X
X X X X X
Dielectric and
tolerance
Rated voltage (DC)
2
5
6
25 V
50 V
100 V
Multiplier
Capacitance (pF)
two significant digits
of capacitance value
8
9
1
2
3
4
5
Size and packaging
20
21
40
41
size 15/tape and reel
size 15/ammo
size 20/tape and reel
size 20/ammo
0.1
1
10
100
1 000
10 000
100 000
20
21
22
23
24
25
26
NP0
NP0
10%
X7R
10%
X7R
20%
Z5U
%
Z5U
20/+80%
Y5V
20/+80%


Similar Part No. - 2252215201011

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
225220521101 ETC1-225220521101 Datasheet
604Kb / 14P
   Leaded ceramic multilayer capacitors
225220521102 ETC1-225220521102 Datasheet
604Kb / 14P
   Leaded ceramic multilayer capacitors
225220521109 ETC1-225220521109 Datasheet
604Kb / 14P
   Leaded ceramic multilayer capacitors
225220521129 ETC1-225220521129 Datasheet
604Kb / 14P
   Leaded ceramic multilayer capacitors
225220521151 ETC1-225220521151 Datasheet
604Kb / 14P
   Leaded ceramic multilayer capacitors
More results

Similar Description - 2252215201011

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2252302151018 ETC1-2252302151018 Datasheet
1Mb / 18P
   Mono-kap-TM series Leaded ceramic multilayer capacitors
logo
Kemet Corporation
C410C105K3R5TA9170 KEMET-C410C105K3R5TA9170 Datasheet
2Mb / 12P
   Axial Leaded Multilayer Ceramic Capacitors
C410C472J5G5TA7200 KEMET-C410C472J5G5TA7200 Datasheet
2Mb / 15P
   Axial Leaded Multilayer Ceramic Capacitors
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C317C104M5U5TA KEMET-C317C104M5U5TA Datasheet
234Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C333C105M5U5TA KEMET-C333C105M5U5TA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C222J1G5CA KEMET-C322C222J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C340C104K2R5CA KEMET-C340C104K2R5CA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C052K102K2X5CA KEMET-C052K102K2X5CA Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C102J1G5CA KEMET-C322C102J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL& RADIAL LEADED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com