Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

250YXF22M10X20 Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # 250YXF22M10X20
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

250YXF22M10X20 Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  250YXF22M10X20 Datasheet HTML 1Page - RUBYCON CORPORATION 250YXF22M10X20 Datasheet HTML 2Page - RUBYCON CORPORATION 250YXF22M10X20 Datasheet HTML 3Page - RUBYCON CORPORATION 250YXF22M10X20 Datasheet HTML 4Page - RUBYCON CORPORATION 250YXF22M10X20 Datasheet HTML 5Page - RUBYCON CORPORATION 250YXF22M10X20 Datasheet HTML 6Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
YXF
SERIES
YXF
◆SPECIFICATIONS
◆MULTIPLIER FOR RIPPLE CURRENT
 Frequency coefficient
 (6.3wv∼100wv)
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
Dissipation Factor(MAX)
(tanδ)
Endurance
Low Temperature Stability
Impedance Ratio(MAX)
Items
Characteristics
−40∼+105℃
6.3∼250V.DC
±20%(20℃,120Hz)
6.3wv∼100wv
I
=0.01CV or 3μA whichever is greater. 
  (After 2 minutes)
I
Leakage Current(μA)
C=Rated Capacitance(μF)
  
V=Rated Voltage(V)
  
Rated Voltage
(V)
tanδ
0.22
6.3
0.19
10
0.16
16
0.14
25
0.12
35
0.10
50
0.09
63
0.08
100
0.12
160
0.12
200
0.12
250
Leakage Current
Dissipation Factor
Capacitance Change
Within ±25% of the initial value.(160wv to 250wv:±20%)
Not more than 200% of the specified value.
Not more than the specified value.
After life test with rated ripple current at conditions stated in the table below, the capacitors shall meet the following requirements.
When rated capacitance is over 1000μF, tanδ shall be added 0.02 to the listed value with increase of every 1000μF.
 (160wv∼250wv)
Frequency
(Hz)
Coefficient
(20℃,120Hz)
(120Hz)
105℃ Long Life. Low impedance.
(Rated Voltage 6.3∼250V.DC)
◆FEATURES
Load Life : 105℃ 2000∼10000hours.
Low impedance at 100kHz with selected materials.
Case Dia
φD≧12.5
Life Time
(hrs)
8000
φD=8
6000
φD≦6.3
4000
6.3∼10WV
10000
7000
5000
2000
φD=10
6000
7000
2000
16∼100WV 160∼250WV
Rated Voltage
(V)
Z(−40℃)/Z(20℃)
Z(−25℃)/Z(20℃)
8
6.3
6
10
4
16
3
25
3
35
3
50
3
4322222
63
3
2
100
4
3
160
4
3
200
4
3
250
◆PART NUMBER
□□□
Rated Voltage
YXF
Series
□□□
Option
□□
Lead Forming
D×L
Case Size
□□□□□
Rated Capacitance
Capacitance Tolerance
120
1k
10k
100k≦
0.50
60(50)
0.40
0.75
0.90
1.00
160wv∼250wv
I
=0.04CV + 100μA  (After 1 minute application of rated voltage)
I
=0.02CV + 25μA   (After 5 minutes application of rated voltage)
RoHS compliance.
Frequency
(Hz)
Coefficient
120
1k
10k
100k≦
0.42
0.60
0.80
1.00
0.47∼10μF
0.55
0.75
0.90
1.00
22∼33μF
0.70
0.85
0.95
1.00
47∼330μF
0.75
0.90
0.98
1.00
470∼1000μF
0.80
0.95
1.00
1.00
2200∼15000μF


Similar Part No. - 250YXF22M10X20

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
250YXA047M63X11 RUBYCON-250YXA047M63X11 Datasheet
52Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
250YXA100M16X315 RUBYCON-250YXA100M16X315 Datasheet
52Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
250YXA10M10X16 RUBYCON-250YXA10M10X16 Datasheet
52Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
250YXA1M63X11 RUBYCON-250YXA1M63X11 Datasheet
52Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
250YXA22M125X20 RUBYCON-250YXA22M125X20 Datasheet
52Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 250YXF22M10X20

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com