Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

63SEV1000M10X105 Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # 63SEV1000M10X105
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

63SEV1000M10X105 Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  63SEV1000M10X105 Datasheet HTML 1Page - RUBYCON CORPORATION 63SEV1000M10X105 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆DIMENSIONS
(mm)
8
8
10
6.5
10.5
10.5
8.3
8.3
10.3
8.3
8.3
10.3
3.4
2.9
3.2
0.5∼0.8
0.8∼1.1
0.8∼1.1
2.2
3.1
4.5
φD
4
5
L
5.5
5.5
A1
4.3
5.3
B1
4.3
5.3
C
1.8
2.2
W1
0.5∼0.8
0.5∼0.8
PK
α
1.0
3
5.5
3.3
3.3
1.5
0.45∼0.8
0.8
0.5 MAX
0
0.5 MAX
0
0.5 MAX
0
0.5 MAX
0
0.5 MAX
0
0.5 MAX
0
0.5 MAX
0
0.5 MAX
0
12.5
13.5
13
13
4.9
0.8∼1.1
4.5
0.7±0.4
0.5
12.5
16
13
13
4.9
0.8∼1.1
4.5
0.7±0.4
0.5
16
16.5
17
17
6
1.0∼1.6
6.8
0.7±0.4
0.5
16
21.5
17
17
6
1.0∼1.6
6.8
0.7±0.4
0.5
18
16.5
19
19
7
1.0∼1.6
6.8
0.7±0.4
0.5
18
21.5
19
19
7
1.0∼1.6
6.8
0.7±0.4
0.5
1.3
6.3
5.5
6.6
6.6
2.7
0.5∼0.8
1.8
6.3
8
6.6
6.6
2.7
0.5∼0.8
1.8
◆STANDARD SIZE, RATED RIPPLE CURRENT    Size φD×L(mm), Ripple Current (mA r.m.s./85℃, 120Hz)
WV(V.DC)
Cap(μF)
4
(0G)
Size Ripple
Size Ripple
Size Ripple
Size Ripple
Size Ripple
Size Ripple
Size Ripple
Size Ripple
Size Ripple
6.3
(0J)
10
(1A)
16
(1C)
25
(1E)
35
(1V)
50
(1H)
63
(1J)
100
(2A)
0.1
0.22
0.33
0.47
1
2.2
3.3
4.7
10
22
33
47
100
220
330
470
1000
2200
3300
4700
6800
10000
5×5.5
61
6.3×5.5
96
6.3× 8
200
8×6.5 210
190
6.3×8
8×10.5 380
10×10.5 700
6.3×5.5
71
5×5.5
43
4×5.5
25
5×5.5
30
6.3×5.5
58
8×10.5 200
6.3×8
95
160
170
130
90
80
75
170
240
4×5.5
17
6.3×5.5
48
8×6.5 115
105
6.3×8
4×5.5
18
3×5.5
10
3×5.5 8.4
6.3×5.5
54
6.3×5.5
60
8×6.5
6.3×8
160
145
10×10.5 680
8×6.5
6.3×8
190
175
8×10.5 330
4×5.5
34
4×5.5
28
3×5.5
19
5×5.5
61
4×5.5
36
6.3×5.5
71
6.3×5.5
96
5×5.5
46
φ8×10.5∼φ18 have sleeve.
3×5.5
21
4×5.5
29
4×5.5
32
43
5×5.5
8×10.5 380
10×10.5 680
8×10.5 290
6.3×8 165
8×10.5 330
10×10.5 670
2000
18×21.5
1400
16×16.5
1200
16×16.5
890
12.5×16
710
12.5×13.5
960
12.5×16
1300
1500
16×16.5
1850
18×21.5
1750
1450
18×21.5
1150
16×16.5
720
12.5×13.5
1650
18×16.5
16×21.5
18×16.5
16×21.5
18×16.5
16×21.5
1700
1350
18×21.5
1550
18×21.5
1150
18×21.5
740
16×16.5
600
12.5×13.5
580
12.5×13.5
1000
16×16.5
700
12.5×13.5
820
12.5×16
700
12.5×13.5
18×16.5
16×21.5
680
850
18×16.5
580
12.5×16
18×16.5
16×21.5
825
665
18×21.5
440
12.5×16
250
12.5×13.5
18×16.5
16×21.5
8×10.5
10×10.5 560
300
10×10.5 570
8×10.5
10×10.5 480
280
6.3×5.5
86
8×6.5 135
5×5.5
50
6.3×5.5
60
3×5.5
12
4×5.5
30
5×5.5
39
3×5.5
18
4×5.5
25
3×5.5
12
4×5.5
18
4×5.5
18
5×5.5
22
5×5.5
30
6.3×5.5
35
6.3×5.5
48
8×6.5
80
8×10.5 240
10×10.5 280
8×10.5 320
10×10.5 500
8×10.5
8×10.5
8×10.5
10×10.5
8×10.5
8×10.5
8×10.5
10×10.5
3×5.5
10
4×5.5
14
3×5.5
8.0
4×5.5
8.4
3×5.5
4×5.5
3×5.5
4×5.5
3×5.5
4×5.5
3×5.5
1.0
2.0
2.8
4.0
4×5.5
8×10.5 385
10×10.5 690
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
SEV
L +α MAX
0.3MAX
A1
±0.2
W1
K


Similar Part No. - 63SEV1000M10X105

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
63S440 ETC1-63S440 Datasheet
145Kb / 2P
   High Performance 1024 x 4 PROM TiW PROM Family
63S441 ETC1-63S441 Datasheet
145Kb / 2P
   High Performance 1024 x 4 PROM TiW PROM Family
63S441A ETC1-63S441A Datasheet
145Kb / 2P
   High Performance 1024 x 4 PROM TiW PROM Family
logo
RUBYCON CORPORATION
63SGV1000M10X105 RUBYCON-63SGV1000M10X105 Datasheet
65Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
63SGV1000M125X135 RUBYCON-63SGV1000M125X135 Datasheet
65Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 63SEV1000M10X105

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com