Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WJ1061A6VDC.45 Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # WJ1061A6VDC.45
Description  CIT SWITCH
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

WJ1061A6VDC.45 Datasheet(HTML) 1 Page - CIT Relay & Switch

  WJ1061A6VDC.45 Datasheet HTML 1Page - CIT Relay & Switch WJ1061A6VDC.45 Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562
FEATURES:
UL B class rated standard
Small size and light weight
Capable of handling 1000W lamp loads
Designed to withstand high inrush loads (100A)
E197851
20.8 x 15.8 x 20.3 mm
CONTACT DATA
Contact Arrangement
1A = SPST N.O.
1B = SPST N.C.
1C = SPDT
Contact Rating
20A @ 125VAC
16A @ 277VAC
TV-8, 125VAC
1hp @ 125/250 NO; 1/2hp @ 125/250 NC
Contact Resistance
< 50 milliohms initial
Contact Material
AgSnO2In2O3
Maximum Switching Power
420W, 4500VA
Maximum Switching Voltage
380VAC, 110VDC
Maximum Switching Current
20A
COIL DATA
Coil Voltage
VDC
Coil Resistance
Ω ± 10%
Rated
Max.
.36W
.45W
Pick Up Voltage
VDC (max)
75%
of rated voltage
Release Voltage
VDC (min)
10%
of rated voltage
Coil Power
W
Operate Time
ms
Release Time
ms
3
3.9
25
20
2.25
0.3
6
7.8
100
80
4.50
0.6
9
11.7
225
180
6.75
0.9
12
15.6
400
320
9.00
1.2
24
31.2
1600
1280
18.00
2.4
48
62.4
6400
5120
36.00
4.8
.36
.45
10
5
CAUTION:
1. The use of any coil voltage less than the rated coil voltage may compromise the operation of the relay.
2. Pickup and release voltages are for test purposes only and are not to be used as design criteria.
GENERAL DATA
Electrical Life @ rated load
Mechanical Life
100K cycles, typical
10M cycles, typical
Insulation Resistance
100M
Ω min @ 500VDC
Dielectric Strength, Coil to Contact
Contact to Contact
4000V rms min. @ sea level
1000V rms min. @ sea level
Shock Resistance
100m/s
2 for 11ms
Vibration Resistance
1.50mm double amplitude 10-40Hz
Terminal (Copper Alloy) Strength
10N
Operating Temperature
Storage Temperature
-40
°C to + 85 °C
-40
°C to + 105 °C
Solderability
230
°C ± 2 °C for 10 ± 0.5s
Weight
10g
WJ106


Similar Part No. - WJ1061A6VDC.45

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
WJ10050-100 LSTD-WJ10050-100 Datasheet
103Kb / 1P
   this print is the property of laird tech
WJ10050-300 LSTD-WJ10050-300 Datasheet
102Kb / 1P
   this print is the property of laird tech
logo
CIT Relay & Switch
WJ101 CIT-WJ101 Datasheet
147Kb / 2P
   Switching capacity up to 5A
WJ1011AS12VDC CIT-WJ1011AS12VDC Datasheet
147Kb / 2P
   Switching capacity up to 5A
WJ1011AS24VDC CIT-WJ1011AS24VDC Datasheet
147Kb / 2P
   Switching capacity up to 5A
More results

Similar Description - WJ1061A6VDC.45

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com