Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

35YXF3300M18X355 Datasheet(PDF) 5 Page - RUBYCON CORPORATION

Part # 35YXF3300M18X355
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

35YXF3300M18X355 Datasheet(HTML) 5 Page - RUBYCON CORPORATION

  35YXF3300M18X355 Datasheet HTML 1Page - RUBYCON CORPORATION 35YXF3300M18X355 Datasheet HTML 2Page - RUBYCON CORPORATION 35YXF3300M18X355 Datasheet HTML 3Page - RUBYCON CORPORATION 35YXF3300M18X355 Datasheet HTML 4Page - RUBYCON CORPORATION 35YXF3300M18X355 Datasheet HTML 5Page - RUBYCON CORPORATION 35YXF3300M18X355 Datasheet HTML 6Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Rated voltage 160V(2C)
Rated capacitance
(μF)
Size
φD×L (mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
Impedance
(ΩMAX)
22
350
1.0
10×20
33
450
0.70
0.45
12.5×20
12.5×25
47
600
0.45
68
600
0.24
12.5×25
16×25
100
950
0.17
16×31.5
150
1200
0.14
18×35.5
220
1400
20℃, 100kHz
Rated voltage 200V(2D)
Rated capacitance
(μF)
Size
φD×L (mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
Impedance
(ΩMAX)
22
350
1.0
10×20
33
550
0.55
0.44
12.5×25
12.5×25
47
600
0.24
68
950
0.17
16×25
16×31.5
100
1200
0.16
16×35.5
150
1280
0.14
18×35.5
220
1400
20℃, 100kHz
Rated voltage 250V(2E)
Rated capacitance
(μF)
Size
φD×L (mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
Impedance
(ΩMAX)
22
300
1.4
10×20
33
450
0.70
0.31
12.5×25
16×25
47
850
0.22
68
1050
16×31.5
0.18
100
1200
18×35.5
20℃, 100kHz
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
YXF


Similar Part No. - 35YXF3300M18X355

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
35YXF33MEFC5X11 RUBYCON-35YXF33MEFC5X11 Datasheet
119Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 35YXF3300M18X355

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com