Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XP1601 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # XP1601
Description  Silicon PNP(PNP) epitaxial planer transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

XP1601 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  XP1601 Datasheet HTML 1Page - Panasonic Semiconductor XP1601 Datasheet HTML 2Page - Panasonic Semiconductor XP1601 Datasheet HTML 3Page - Panasonic Semiconductor XP1601 Datasheet HTML 4Page - Panasonic Semiconductor XP1601 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
Composite Transistors
XP1601
IC — IB
VCE(sat) — IC
hFE — IC
fT — IE
NV — IC
0
0
1000
800
600
400
200
240
200
160
120
80
40
Base current IB (
µA)
VCE=10V
Ta=25˚C
0.01
0.03
0.1
0.3
0.1
0.3
1
3
10
30
100
1
3
10
30
100
Collector current IC (mA)
IC/IB=10
Ta=75˚C
25˚C
– 25˚C
0
0.1
0.3
600
500
400
300
200
100
1
3
10
30
100
Collector current IC (mA)
VCE=10V
Ta=75˚C
25˚C
– 25˚C
0
– 0.1 – 0.3
300
240
180
120
60
–1
– 3
–10
– 30
–100
Emitter current IE (mA)
VCB=10V
Ta=25˚C
0
10
240
200
160
120
80
40
30
100
300
1000
50
500
20
200
Collector current IC (
µA)
VCE=10V
GV=80dB
Function=FLAT
Ta=25˚C
4.7k
Rg=100k
22k


Similar Part No. - XP1601

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
XP161 KEXIN-XP161 Datasheet
57Kb / 1P
   N-Channel Power MOSFET
logo
Torex Semiconductor
XP161A01A8PR TOREX-XP161A01A8PR Datasheet
158Kb / 4P
   N-Channel Power MOS FET
XP161A02A1PR TOREX-XP161A02A1PR Datasheet
149Kb / 4P
   N-Channel Power MOS FET with low on-state resistance and ultra high-speed switching characteristics.
XP161A0390PR TOREX-XP161A0390PR Datasheet
175Kb / 4P
   Power MOS FET
XP161A11A1PR TOREX-XP161A11A1PR Datasheet
58Kb / 4P
   Power MOS FET
More results

Similar Description - XP1601

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XN1111 PANASONIC-XN1111 Datasheet
34Kb / 2P
   Silicon PNP epitaxial planer transistor
XN1116 PANASONIC-XN1116 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XN1118 PANASONIC-XN1118 Datasheet
34Kb / 2P
   Silicon PNP epitaxial planer transistor
XN4114 PANASONIC-XN4114 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XN4130 PANASONIC-XN4130 Datasheet
34Kb / 2P
   Silicon PNP epitaxial planer transistor
XN6112 PANASONIC-XN6112 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XN611FH PANASONIC-XN611FH Datasheet
51Kb / 4P
   Silicon PNP epitaxial planer transistor
XP4112 PANASONIC-XP4112 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XP4115 PANASONIC-XP4115 Datasheet
32Kb / 2P
   Silicon PNP epitaxial planer transistor
XP4116 PANASONIC-XP4116 Datasheet
32Kb / 2P
   Silicon PNP epitaxial planer transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com