Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XP1601 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # XP1601
Description  Silicon PNP(PNP) epitaxial planer transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

XP1601 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  XP1601 Datasheet HTML 1Page - Panasonic Semiconductor XP1601 Datasheet HTML 2Page - Panasonic Semiconductor XP1601 Datasheet HTML 3Page - Panasonic Semiconductor XP1601 Datasheet HTML 4Page - Panasonic Semiconductor XP1601 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Composite Transistors
XP1601
s Electrical Characteristics (Ta=25˚C)
q
Tr1
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector to base voltage
VCBO
IC = –10µA, IE = 0
–60
V
Collector to emitter voltage
VCEO
IC = –2mA, IB = 0
–50
V
Emitter to base voltage
VEBO
IE = –10µA, IC = 0
–7
V
Collector cutoff current
ICBO
VCB = –20V, IE = 0
– 0.1
µA
ICEO
VCE = –10V, IB = 0
–100
µA
Forward current transfer ratio
hFE
VCE = –10V, IC = –2mA
160
460
Collector to emitter saturation voltage
VCE(sat)
IC = –100mA, IB = –10mA
– 0.3
– 0.5
V
Transition frequency
fT
VCB = –10V, IE = 1mA, f = 200MHz
80
MHz
Collector output capacitance
Cob
VCB = –10V, IE = 0, f = 1MHz
2.7
pF
q
Tr2
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector to base voltage
VCBO
IC = 10µA, IE = 0
60
V
Collector to emitter voltage
VCEO
IC = 2mA, IB = 0
50
V
Emitter to base voltage
VEBO
IE = 10µA, IC = 0
7
V
Collector cutoff current
ICBO
VCB = 20V, IE = 0
0.1
µA
ICEO
VCE = 10V, IB = 0
100
µA
Forward current transfer ratio
hFE
VCE = 10V, IC = 2mA
160
460
Collector to emitter saturation voltage
VCE(sat)
IC = 100mA, IB = 10mA
0.1
0.3
V
Transition frequency
fT
VCB = 10V, IE = –2mA, f = 200MHz
150
MHz
Collector output capacitance
Cob
VCB = 10V, IE = 0, f = 1MHz
3.5
pF


Similar Part No. - XP1601

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
XP161 KEXIN-XP161 Datasheet
57Kb / 1P
   N-Channel Power MOSFET
logo
Torex Semiconductor
XP161A01A8PR TOREX-XP161A01A8PR Datasheet
158Kb / 4P
   N-Channel Power MOS FET
XP161A02A1PR TOREX-XP161A02A1PR Datasheet
149Kb / 4P
   N-Channel Power MOS FET with low on-state resistance and ultra high-speed switching characteristics.
XP161A0390PR TOREX-XP161A0390PR Datasheet
175Kb / 4P
   Power MOS FET
XP161A11A1PR TOREX-XP161A11A1PR Datasheet
58Kb / 4P
   Power MOS FET
More results

Similar Description - XP1601

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XN1111 PANASONIC-XN1111 Datasheet
34Kb / 2P
   Silicon PNP epitaxial planer transistor
XN1116 PANASONIC-XN1116 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XN1118 PANASONIC-XN1118 Datasheet
34Kb / 2P
   Silicon PNP epitaxial planer transistor
XN4114 PANASONIC-XN4114 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XN4130 PANASONIC-XN4130 Datasheet
34Kb / 2P
   Silicon PNP epitaxial planer transistor
XN6112 PANASONIC-XN6112 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XN611FH PANASONIC-XN611FH Datasheet
51Kb / 4P
   Silicon PNP epitaxial planer transistor
XP4112 PANASONIC-XP4112 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XP4115 PANASONIC-XP4115 Datasheet
32Kb / 2P
   Silicon PNP epitaxial planer transistor
XP4116 PANASONIC-XP4116 Datasheet
32Kb / 2P
   Silicon PNP epitaxial planer transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com