Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G916-315T1UF Datasheet(PDF) 6 Page - Global Mixed-mode Technology Inc

Part # G916-315T1UF
Description  300mA High PSRR, Low Noise, LDO Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G916-315T1UF Datasheet(HTML) 6 Page - Global Mixed-mode Technology Inc

Back Button G916-315T1UF Datasheet HTML 2Page - Global Mixed-mode Technology Inc G916-315T1UF Datasheet HTML 3Page - Global Mixed-mode Technology Inc G916-315T1UF Datasheet HTML 4Page - Global Mixed-mode Technology Inc G916-315T1UF Datasheet HTML 5Page - Global Mixed-mode Technology Inc G916-315T1UF Datasheet HTML 6Page - Global Mixed-mode Technology Inc G916-315T1UF Datasheet HTML 7Page - Global Mixed-mode Technology Inc G916-315T1UF Datasheet HTML 8Page - Global Mixed-mode Technology Inc G916-315T1UF Datasheet HTML 9Page - Global Mixed-mode Technology Inc G916-315T1UF Datasheet HTML 10Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Ver: 1.7
Jan 25, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
6
G916
Global Mixed-mode Technology Inc.
Typical Performance Characteristics
(VIN =5V, CIN=1µF, COUT=1µF, V SHDN = VIN, G916-475, TA =25°C, unless otherwise noted.)
Short Circuit Current
Turn-On
Turn-Off
Line Transient
Load Transient
0
10
20
30
40
50
60
70
80
90
0.01
0.1
1
10
100
Frequency (KHz)
V
IN=4V ; COUT=1µF ;
C
BYP=10nF ; Vr=245mV
300mA
100mA
10mA
Ripple Rejection


Similar Part No. - G916-315T1UF

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G916-500 GMT-G916-500 Datasheet
48Kb / 1P
   500mA High PSRR, Low Noise, LDO Regulators
More results

Similar Description - G916-315T1UF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8833 A-POWER-APE8833 Datasheet
346Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Global Mixed-mode Techn...
G914X GMT-G914X_07 Datasheet
289Kb / 11P
   300mA High PSRR, Low-Noise LDO Regulators
logo
Advanced Power Electron...
APE8835 A-POWER-APE8835 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
APE8835 A-POWER-APE8835_14 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Global Mixed-mode Techn...
G917 GMT-G917 Datasheet
84Kb / 1P
   300mA High PSRR, Low Noise, LDO Regulators
G916 GMT-G916_15 Datasheet
91Kb / 2P
   300mA High PSRR, Low Noise, LDO Regulators
G914X GMT-G914X_15 Datasheet
63Kb / 1P
   300mA High PSRR, Low-Noise LDO Regulators
G918 GMT-G918 Datasheet
49Kb / 1P
   300mA High PSRR, Low Noise, LDO Regulators
G984 GMT-G984 Datasheet
49Kb / 1P
   300mA High PSRR LDO Regulators
G923 GMT-G923 Datasheet
516Kb / 9P
   300mA High PSRR LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com