Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50YXF220M10X16 Datasheet(PDF) 4 Page - RUBYCON CORPORATION

Part # 50YXF220M10X16
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

50YXF220M10X16 Datasheet(HTML) 4 Page - RUBYCON CORPORATION

  50YXF220M10X16 Datasheet HTML 1Page - RUBYCON CORPORATION 50YXF220M10X16 Datasheet HTML 2Page - RUBYCON CORPORATION 50YXF220M10X16 Datasheet HTML 3Page - RUBYCON CORPORATION 50YXF220M10X16 Datasheet HTML 4Page - RUBYCON CORPORATION 50YXF220M10X16 Datasheet HTML 5Page - RUBYCON CORPORATION 50YXF220M10X16 Datasheet HTML 6Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1
0.47
17
5.5
12.0
5×11
30
4.0
8.0
5×11
43
2.5
6.0
5×11
53
2.2
5.6
5×11
88
1.9
5.0
5×11
100
1.5
4.0
5×11
150
0.90
3.6
5×11
2.2
250
0.40
1.6
6.3×11
250
0.40
1.6
6.3×11
3.3
1.0
4.7
400
0.25
8×11.5
10
0.30
10×20
22
1050
0.078
0.46
10×16
770
0.12
0.21
18×35.5
33
1300
0.062
0.096
12.5×20
47
1850
0.034
16×25
100
220
330
470
1000
2200
2200
0.025
0.058
87
2.3
9.3
5×11
5.2
6.3×11
140
1.3
5.0
6.3×11
140
1.2
2.8
210
0.63
8×11.5
0.84
10×20
520
0.21
1.8
10×12.5
300
0.43
0.64
16×31.5
660
0.16
12.5×20
0.45
750
0.12
12.5×25
1390
0.054
0.20
100
47
33
22
10
220
330
470
1000
15
6.0
17.0
5×11
5×11
5×11
5×11
5×11
15.0
6.3×11
20
4.5
13.0
30
3.0
8×11.5
10.0
10×12.5
65
2.5
5.0
10×16
140
1.2
11.0
40
2.7
2.8
16×25
16×25
160
0.63
12.5×20
230
0.43
1.8
290
0.31
1.5
0.64
430
0.16
900
0.073
0.27
900
0.073
0.27
100
47
33
22
10
4.7
3.3
2.2
1
0.47
220
330
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
YXF
Rated voltage 50V(1H)
20℃, 100kHz
−10℃, 100kHz
Rated capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
Impedance 
(ΩMAX)
Rated voltage 63V(1J)
20℃, 100kHz
−10℃, 100kHz
Rated capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
Impedance 
(ΩMAX)
Rated voltage 100V(2A)
20℃, 100kHz
−10℃, 100kHz
Rated capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
Impedance 
(ΩMAX)


Similar Part No. - 50YXF220M10X16

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
50YXF2200MEFC18X35.5 RUBYCON-50YXF2200MEFC18X35.5 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
More results

Similar Description - 50YXF220M10X16

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com