Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R800CHX Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # R800CHX
Description  DISTRIBUTED GATE THYRISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

R800CHX Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  R800CHX Datasheet HTML 1Page - List of Unclassifed Manufacturers R800CHX Datasheet HTML 2Page - List of Unclassifed Manufacturers R800CHX Datasheet HTML 3Page - List of Unclassifed Manufacturers R800CHX Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image


Similar Part No. - R800CHX

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
R8000H RECTRON-R8000H Datasheet
134Kb / 4P
   Fast Recovery High Voltage Diodes
logo
Rohm
R8001CND ROHM-R8001CND Datasheet
2Mb / 14P
   Nch 800V 1A Power MOSFET
R8001CND3FRA ROHM-R8001CND3FRA Datasheet
2Mb / 14P
   Nch 800V 1A Power MOSFET
R8002ANJ ROHM-R8002ANJ Datasheet
986Kb / 14P
   Nch 800V 2A Power MOSFET
logo
Inchange Semiconductor ...
R8002ANJ ISC-R8002ANJ Datasheet
298Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - R800CHX

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
1460PTGDO NELLSEMI-1460PTGDO Datasheet
343Kb / 8P
   Distributed Gate Thyristors
logo
List of Unclassifed Man...
R1124NS16X ETC1-R1124NS16X Datasheet
2Mb / 12P
   DISTRIBUTED GATE THYRISTOR
R1275NS14 ETC1-R1275NS14 Datasheet
674Kb / 12P
   Distributed Gate Thyristor
logo
Nell Semiconductor Co.,...
1460PTG NELLSEMI-1460PTG Datasheet
343Kb / 8P
   Distributed center amplifying gate
logo
NXP Semiconductors
BTA151 PHILIPS-BTA151 Datasheet
43Kb / 6P
   Thyristors sensitive gate
September 1997 Rev 1.200
logo
List of Unclassifed Man...
WG5012RXX ETC1-WG5012RXX Datasheet
463Kb / 4P
   GATE TURN THYRISTORS
logo
Motorola, Inc
MGTO1000 MOTOROLA-MGTO1000 Datasheet
368Kb / 8P
   GATE TURN OFF THYRISTORS
logo
NXP Semiconductors
BT157 PHILIPS-BT157 Datasheet
678Kb / 12P
   FAST GATE TURN-OFF THYRISTORS
August 1986
logo
ON Semiconductor
MAC12SM ONSEMI-MAC12SM_05 Datasheet
60Kb / 5P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
MAC4DLM ONSEMI-MAC4DLM Datasheet
103Kb / 8P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com