Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD090SA45A Datasheet(PDF) 1 Page - Sensitron

Part # SD090SA45A
Description  SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SD090SA45A Datasheet(HTML) 1 Page - Sensitron

  SD090SA45A Datasheet HTML 1Page - Sensitron SD090SA45A Datasheet HTML 2Page - Sensitron SD090SA45A Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SENSITRON
SEMICONDUCTOR
• 221 West Industry Court
Deer Park, NY 11729-4681
(631) 586-7600 FAX (631) 242-9798
• World Wide Web Site - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •
SD090SA45A/B/C
Technical Data
Data Sheet 643, Rev.-
SILICON SCHOTTKY RECTIFIER DIE
Very Low Forward Voltage Drop
Applications:
• Switching Power Supply • Converters • Free-Wheeling Diodes • Polarity Protection Diode
Features:
Soft Reverse Recovery at Low and High Temperature
Extremely Low Forward Voltage Drop
Low Power Loss, High Efficiency
High Surge Capacity
Guard Ring for Enhanced Durability and Long Term Reliability
Guaranteed Reverse Avalanche Characteristics
Electrically / Mechanically Stable during and after Packaging
Maximum Ratings
(1):
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
VRWM
-
45
V
Max. Average Forward
Current
IF(AV)
50% duty cycle, rectangular
wave form
7.5
A
Max. Peak One Cycle Non-
Repetitive Surge Current
IFSM
8.3 ms, half Sine wave
(1)
140
A
Non-Repetitive Avalanche
Energy
EAS
TJ = 25 °C, IAS = 2.0 A,
L = 6.5 mH
13.6
mJ
Repetitive Avalanche Current
IAR
IAS decay linearly to 0 in 1 µs
ƒ limited by T
J max VA=1.5VR
2.0
A
Max. Junction Temperature
TJ
-
-65 to +150
°C
Max. Storage Temperature
Tstg
-
-65 to +150
°C
Electrical Characteristics
(1):
Characteristics
Symbol
Condition
Max.
Units
Max. Forward Voltage Drop
VF1
@ 7.5A, Pulse, TJ = 25 °C
0.56
V
VF2
@ 7.5A, Pulse, TJ = 125 °C
0.51
V
Max. Reverse Current
IR1
@VR = 45V, Pulse,
TJ = 25 °C
0.75
mA
IR2
@VR = 45V, Pulse,
TJ = 125 °C
35
mA
Max. Junction Capacitance
CT
@VR = 5V, TC = 25 °C
fSIG = 1MHz,
VSIG = 50mV (p-p)
400
pF
(1) in SHD package


Similar Part No. - SD090SA45A

ManufacturerPart #DatasheetDescription
logo
Sensitron
SD090SA30A SENSITRON-SD090SA30A Datasheet
54Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD090SA30B SENSITRON-SD090SA30B Datasheet
54Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD090SA30C SENSITRON-SD090SA30C Datasheet
54Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD090SA60A SENSITRON-SD090SA60A Datasheet
63Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 째C TJ Operation)
SD090SA60B SENSITRON-SD090SA60B Datasheet
63Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 째C TJ Operation)
More results

Similar Description - SD090SA45A

ManufacturerPart #DatasheetDescription
logo
Sensitron
SD125SB45A SENSITRON-SD125SB45A Datasheet
188Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD125SC150A SENSITRON-SD125SC150A Datasheet
189Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD175SA30A SENSITRON-SD175SA30A Datasheet
54Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD275SA30A SENSITRON-SD275SA30A Datasheet
181Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD060SC200A SENSITRON-SD060SC200A Datasheet
165Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD200SA30A SENSITRON-SD200SA30A Datasheet
54Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD200SC200A SENSITRON-SD200SC200A Datasheet
55Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD125SC200A SENSITRON-SD125SC200A Datasheet
190Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD040SA30A SENSITRON-SD040SA30A Datasheet
54Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD040SC200A SENSITRON-SD040SC200A Datasheet
56Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com