Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WFF2N60 Datasheet(PDF) 4 Page - Wisdom technologies Int`l

Part # WFF2N60
Description  N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WISDOM [Wisdom technologies Int`l]
Direct Link  http://www.wisdom-technologies.com/index.aspx
Logo WISDOM - Wisdom technologies Int`l

WFF2N60 Datasheet(HTML) 4 Page - Wisdom technologies Int`l

  WFF2N60 Datasheet HTML 1Page - Wisdom technologies Int`l WFF2N60 Datasheet HTML 2Page - Wisdom technologies Int`l WFF2N60 Datasheet HTML 3Page - Wisdom technologies Int`l WFF2N60 Datasheet HTML 4Page - Wisdom technologies Int`l WFF2N60 Datasheet HTML 5Page - Wisdom technologies Int`l WFF2N60 Datasheet HTML 6Page - Wisdom technologies Int`l WFF2N60 Datasheet HTML 7Page - Wisdom technologies Int`l  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Notes :
1. V
GS = 10 V
2. I
D = 1.0 A
T
J, Junction Temperature [
oC]
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
Notes:
1. V
GS =0 V
2. I
D = 250 µA
T
J, Junction Temperature [
oC]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
No te s :
1 . Z
θ JC ( t) = 2 . 3 2
/W M a x .
2 . D u ty F a c to r, D = t
1/t 2
3 . T
JM - T C = P DM * Z θ JC (t )
s ingle pu ls e
D= 0 .5
0.0 2
0.2
0.05
0.1
0.0 1
t
1 , S q uar e W a v e P u l s e D u r a ti on [ s ec ]
25
50
75
100
125
150
0.0
0.4
0.8
1.2
1.6
2.0
T
C, Case Temperature [
]
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
DC
10 ms
1 ms
100 µs
Operation in This Area
is Limited by R
DS(on)
Notes :
1. T
C = 25
oC
2. T
J = 150
oC
3. Single Pulse
V
DS, Drain-Source Voltage [V]
Typical Characteristics (Continued)
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs Case Temperature
Figure 7. Breakdown Voltage Variation
vs Temperature
Figure 8. On-Resistance Variation
vs Temperature
Figure 11. Transient Thermal Response Curve
t1
PDM
t2


Similar Part No. - WFF2N60

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WFF2N60 WINSEMI-WFF2N60 Datasheet
396Kb / 7P
   Silicon N-Channel MOSFET
logo
Wisdom technologies Int...
WFF2N60 WISDOM-WFF2N60 Datasheet
1Mb / 6P
   600V N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WFF2N60B WINSEMI-WFF2N60B Datasheet
583Kb / 7P
   Silicon N-Channel MOSFET
WFF2N60B WINSEMI-WFF2N60B Datasheet
256Kb / 8P
   Silicon N-Channel MOSFET
WFF2N60B WINSEMI-WFF2N60B_13 Datasheet
256Kb / 8P
   Silicon N-Channel MOSFET
More results

Similar Description - WFF2N60

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com