Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

35YXG56M63X11 Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # 35YXG56M63X11
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

35YXG56M63X11 Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  35YXG56M63X11 Datasheet HTML 1Page - RUBYCON CORPORATION 35YXG56M63X11 Datasheet HTML 2Page - RUBYCON CORPORATION 35YXG56M63X11 Datasheet HTML 3Page - RUBYCON CORPORATION 35YXG56M63X11 Datasheet HTML 4Page - RUBYCON CORPORATION 35YXG56M63X11 Datasheet HTML 5Page - RUBYCON CORPORATION 35YXG56M63X11 Datasheet HTML 6Page - RUBYCON CORPORATION 35YXG56M63X11 Datasheet HTML 7Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
YXG
SERIES
YXG
◆SPECIFICATIONS
◆MULTIPLIER FOR RIPPLE CURRENT
 Frequency coefficient
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
Dissipation Factor(MAX)
(tanδ)
Endurance
Low Temperature Stability
Impedance Ratio(MAX)
Items
Characteristics
−40∼+105℃
6.3∼100V.DC
±20%(20℃,120Hz)
I
=0.01CV or 3μA whichever is greater.       
(After 2 minutes)
I
Leakage Current(μA)     C=Rated Capacitance(μF)     V=Rated Voltage(V)
Rated Voltage
(V)
tanδ
0.22
6.3
0.19
10
0.16
16
0.14
25
0.12
35
0.10
50
0.09
63
0.08
100
Leakage Current
Dissipation Factor
Capacitance Change
Within ±25% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
After life test with rated ripple current at conditions stated in the table below, the capacitors shall meet the following requirements.
When rated capacitance is over 1000μF, tanδ shall be added 0.02 to the listed value with increase of every 1000μF.
(20℃,120Hz)
(120Hz)
105℃ High ripple current. Long Life.
◆FEATURES
Low impedance at 100kHz with selected materials.
Load Life : 105℃ 3000∼6000hours.
RoHS compliance.
Case Dia
φD≧12.5
Life Time
(hrs)
6000
φD=10
5000
φD=8
4000
φD≦6.3
3000
Rated Voltage
(V)
Z(−40℃)/Z(20℃)
Z(−25℃)/Z(20℃)
8
6.3
6
10
4
16
3
25
3
35
3
50
3
4322222
63
3
2
100
◆PART NUMBER
□□□
Rated Voltage
YXG
Series
□□□
Option
□□
Lead Forming
D×L
Case Size
□□□□□
Rated Capacitance
Capacitance Tolerance
Frequency
(Hz)
Coefficient
120
1k
10k
100k≦
0.50
0.73
0.92
1.00
39∼270μF
0.42
0.70
0.90
1.00
6.8∼33μF
0.55
0.77
0.94
1.00
330∼680μF
0.60
0.80
0.96
1.00
820∼1800μF
0.70
0.85
0.98
1.00
2200∼18000μF


Similar Part No. - 35YXG56M63X11

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
35YXG1000M12.5X25 RUBYCON-35YXG1000M12.5X25 Datasheet
284Kb / 3P
   105??High ripple current. Long Life.
35YXG1000MEFCG412.5X25 RUBYCON-35YXG1000MEFCG412.5X25 Datasheet
284Kb / 3P
   105??High ripple current. Long Life.
35YXG150MEFC8X11.5 RUBYCON-35YXG150MEFC8X11.5 Datasheet
190Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXG220MEFC10X12.5 RUBYCON-35YXG220MEFC10X12.5 Datasheet
138Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 35YXG56M63X11

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com