Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WFP70N06 Datasheet(PDF) 5 Page - Wisdom technologies Int`l

Part # WFP70N06
Description  N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WISDOM [Wisdom technologies Int`l]
Direct Link  http://www.wisdom-technologies.com/index.aspx
Logo WISDOM - Wisdom technologies Int`l

WFP70N06 Datasheet(HTML) 5 Page - Wisdom technologies Int`l

  WFP70N06 Datasheet HTML 1Page - Wisdom technologies Int`l WFP70N06 Datasheet HTML 2Page - Wisdom technologies Int`l WFP70N06 Datasheet HTML 3Page - Wisdom technologies Int`l WFP70N06 Datasheet HTML 4Page - Wisdom technologies Int`l WFP70N06 Datasheet HTML 5Page - Wisdom technologies Int`l WFP70N06 Datasheet HTML 6Page - Wisdom technologies Int`l WFP70N06 Datasheet HTML 7Page - Wisdom technologies Int`l  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
C
h
a
rg
e
V
G
S
1
0
V
Q
g
Q
g
s
Q
g
d
3
m
A
V
G
S
D
U
T
V
D
S
3
0
0
n
F
5
0
K
Ω
2
0
0
n
F
1
2
V
S
a
m
eT
yp
e
a
sD
U
T
C
h
a
rg
e
V
G
S
1
0
V
Q
g
Q
g
s
Q
g
d
3
m
A
V
G
S
D
U
T
V
D
S
3
0
0
n
F
5
0
K
Ω
2
0
0
n
F
1
2
V
S
a
m
eT
yp
e
a
sD
U
T
V
G
S
V
D
S
1
0
%
9
0
%
t
d
(o
n
)
t
r
t
o
n
t
o
ff
t
d
(o
ff)
t
f
V
D
D
1
0
V
V
D
S
R
L
D
U
T
R
G
V
G
S
V
G
S
V
D
S
1
0
%
9
0
%
t
d
(o
n
)
t
r
t
o
n
t
o
ff
t
d
(o
ff)
t
f
V
D
D
1
0
V
V
D
S
R
L
D
U
T
R
G
V
G
S
E
A
S
=L
IA
S
2
----
2
1
--------------------
B
V
D
S
S
-V
D
D
B
V
D
S
S
V
D
D
V
D
S
B
V
D
S
S
t
p
V
D
D
IA
S
V
D
S
(t)
ID(t)
T
im
e
1
0
V
D
U
T
R
G
L
ID
t
p
E
A
S
=L
IA
S
2
----
2
1
E
A
S
=L
IA
S
2
----
2
1
----
2
1
--------------------
B
V
D
S
S
-V
D
D
B
V
D
S
S
V
D
D
V
D
S
B
V
D
S
S
t
p
V
D
D
IA
S
V
D
S
(t)
ID(t)
T
im
e
1
0
V
D
U
T
R
G
L
L
ID
ID
t
p
Gate Charge Test Circuit & Waveform
Resistive Switching Test Circuit & Waveforms
Unclamped Inductive Switching Test Circuit & Waveforms


Similar Part No. - WFP70N06

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WFP70N06 WINSEMI-WFP70N06 Datasheet
519Kb / 7P
   Silicon N-Channel MOSFET
logo
Thinki Semiconductor Co...
WFP70N06 THINKISEMI-WFP70N06 Datasheet
1Mb / 7P
   70A,60V Heatsink Planar N-Channel Power MOSFET
logo
Shenzhen Winsemi Microe...
WFP70N06T WINSEMI-WFP70N06T Datasheet
613Kb / 7P
   Silicon N-Channel MOSFET
logo
VBsemi Electronics Co.,...
WFP70N06T VBSEMI-WFP70N06T Datasheet
981Kb / 7P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - WFP70N06

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com