Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50ZLH1000M16X25 Datasheet(PDF) 3 Page - RUBYCON CORPORATION

Part # 50ZLH1000M16X25
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

50ZLH1000M16X25 Datasheet(HTML) 3 Page - RUBYCON CORPORATION

  50ZLH1000M16X25 Datasheet HTML 1Page - RUBYCON CORPORATION 50ZLH1000M16X25 Datasheet HTML 2Page - RUBYCON CORPORATION 50ZLH1000M16X25 Datasheet HTML 3Page - RUBYCON CORPORATION 50ZLH1000M16X25 Datasheet HTML 4Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
150
345
0.22
0.80
5×11
330
540
0.094
0.35
6.3×11
680
945
0.056
0.19
8×11.5
1000
1250
0.045
0.15
8×16
1500
1500
0.029
0.11
8×20
1000
1330
0.039
0.14
10×12.5
1500
1760
0.028
0.10
10×16
1800
1960
0.020
0.060
10×20
2200
2250
0.018
0.054
10×23
3300
2480
0.017
0.043
12.5×20
3900
2900
0.015
0.038
12.5×25
4700
3450
0.013
0.033
12.5×30
5600
3570
0.012
0.031
12.5×35
4700
3250
0.015
0.038
16×20
6800
3630
0.013
0.035
16×25
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLH
Rated voltage 10V(1A)
Rated capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
Impedance
(ΩMAX)
20℃, 100kHz
−10℃, 100kHz
100
220
470
680
680
1000
1000
1500
1800
2200
2700
3300
3300
3900
4700
345
0.22
0.80
5×11
540
0.094
0.35
6.3×11
945
0.056
0.19
8×11.5
1250
0.045
0.15
8×16
1500
0.029
0.11
8×20
1330
0.039
0.14
10×12.5
1760
0.028
0.10
10×16
1960
0.020
0.060
10×20
2250
0.018
0.054
10×23
2480
0.017
0.043
12.5×20
2900
0.015
0.038
12.5×25
3450
0.013
0.033
12.5×30
3570
0.012
0.031
12.5×35
3250
0.015
0.038
16×20
3630
0.013
0.035
16×25
Rated voltage 16V(1C)
Rated capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
Impedance
(ΩMAX)
20℃, 100kHz
−10℃, 100kHz
68
150
330
390
470
560
680
820
1000
1500
1800
2200
2200
2700
3300
345
0.22
0.80
5×11
540
0.094
0.35
6.3×11
945
0.056
0.19
8×11.5
1250
0.045
0.15
8×16
1500
0.029
0.11
8×20
1330
0.039
0.14
10×12.5
1760
0.028
0.10
10×16
1960
0.020
0.060
10×20
2250
0.018
0.054
10×23
2480
0.017
0.043
12.5×20
2900
0.015
0.038
12.5×25
3450
0.013
0.033
12.5×30
3570
0.012
0.031
12.5×35
3250
0.015
0.038
16×20
3630
0.013
0.035
16×25
Rated voltage 25V(1E)
Rated capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
Impedance
(ΩMAX)
20℃, 100kHz
−10℃, 100kHz


Similar Part No. - 50ZLH1000M16X25

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
50ZLH150MEFC10X12.5 RUBYCON-50ZLH150MEFC10X12.5 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 50ZLH1000M16X25

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com