Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WJ114FL1AS1660VDC5.0 Datasheet(PDF) 2 Page - CIT Relay & Switch

Part # WJ114FL1AS1660VDC5.0
Description  CIT SWITCH
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

WJ114FL1AS1660VDC5.0 Datasheet(HTML) 2 Page - CIT Relay & Switch

  WJ114FL1AS1660VDC5.0 Datasheet HTML 1Page - CIT Relay & Switch WJ114FL1AS1660VDC5.0 Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562
ORDERING INFORMATION
1. Series:
WJ114FL
WJ114FL
2.Contact Arrangement:
1A = SPST N.O.
1B = SPDT N.C.
1C = SPDT
1C
3. Sealing Options:
S = Sealed
S
4. Contact Rating:
12 = 12A
16 = 16A
16
5. Coil Voltage:
5VDC
6VDC
9VDC
12VDC
24VDC
48VDC
60VDC
110VDC
12VDC
6. Terminal Spacing:
3.5 = 3.5mm
5.0 = 5.0mm **Standard for 16A version
5.0
DIMENSIONS (Units = mm)
SCHEMATICS & PC LAYOUTS (BOTTOM VIEWS)
WJ114FL
1A (12A)
1B (12A)
1C (12A)
1A (16A)
1B (16A)
1C (16A)


Similar Part No. - WJ114FL1AS1660VDC5.0

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
WJ114 CIT-WJ114 Datasheet
159Kb / 2P
   CIT SWTICH
WJ1141AS1012VDC3.5 CIT-WJ1141AS1012VDC3.5 Datasheet
159Kb / 2P
   CIT SWTICH
WJ1141AS1012VDC5.0 CIT-WJ1141AS1012VDC5.0 Datasheet
159Kb / 2P
   CIT SWTICH
WJ1141AS1015VDC3.5 CIT-WJ1141AS1015VDC3.5 Datasheet
159Kb / 2P
   CIT SWTICH
WJ1141AS1015VDC5.0 CIT-WJ1141AS1015VDC5.0 Datasheet
159Kb / 2P
   CIT SWTICH
More results

Similar Description - WJ114FL1AS1660VDC5.0

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com