Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC72315W Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LC72315W
Description  Ultralow-Voltage ETR Controller with On-Chip LCD Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72315W Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LC72315W Datasheet HTML 2Page - Sanyo Semicon Device LC72315W Datasheet HTML 3Page - Sanyo Semicon Device LC72315W Datasheet HTML 4Page - Sanyo Semicon Device LC72315W Datasheet HTML 5Page - Sanyo Semicon Device LC72315W Datasheet HTML 6Page - Sanyo Semicon Device LC72315W Datasheet HTML 7Page - Sanyo Semicon Device LC72315W Datasheet HTML 8Page - Sanyo Semicon Device LC72315W Datasheet HTML 9Page - Sanyo Semicon Device LC72315W Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Block Diagram
No. 6650-6/12
LC72314W, 72315W, 72316W
PHASE
DETECTOR
REFERENCE DIVIDER
DIVIDER
SYSTEM CLOCK
GENERATOR
PROGRAMMBLE DIVIDER
1/16,1/17
SEG
LA
P-ON
RESET
1/2
BANK
ADDRESS
DECODER
DATA BUS
TIMER 0
JUDGE
ALU
CF
SKIP
BANK
A
STACK
4
14
14
ADDRESS COUNTER
ADDRESS DECODER
ROM
4k
×16bits
(LC72314)
6K
×16bits
(LC72315)
8K
×16bits
(LC72316)
BUS
CONTROL
JMP
CAL
RETURN
INTERRUPT
RESET
INSTRUCTION
DECODER
PLL DATA LATCH
PLL CONTROL
DATA
LATCH
/
BUS
DRIVER
DATA
LATCH
/
BUS
DRIVER
DATA
LATCH
/
BUS
DRIVER
DATA
LATCH
/
BUS
DRIVER
DATA
LATCH
/
BUS
DRIVER
BUS
DRIVER
XIN
XOUT
FMIN
PC2
PC1
PC0
PC3
PA3
PA2
PA1
PA0
TEST2
TEST1
RES
*
AMIN
S16/PH3
S15/PH2
S13/PH0
S14/PH1
LCD
PORT
DRIVER
LCPA/B
LCDA/B
EO
S12
S1
VSS
PB2
PB1
PB0
PB3
PD2
INT1/PD1
INT0/PD0
PD3
LATCH
LATCH
B
PE0/BEEP
COM1
COM2
COM3
COM4
S20/PG3
S19/PG2
S17/PG0
S18/PG1
DATA
LATCH
/
BUS
DRIVER
MPX
(6bits)
MPX
MPX
BEEP TONE
COMMON
DRIVER
DATA
LATCH
/
BUS
DRIVER
DATA
LATCH
/
BUS
DRIVER
DATA
LATCH
/
BUS
DRIVER
7
PF3/ADI3
PF1/ADI1
PF0/ADI0
PE1
VDC3
VADJ
VDD
VDC1
PL2
PL1
PL0
PL3
SIO
VDDRAM
SO1/PK2
SCK1/PK1
PK0
SI1/PK3
S24/PI3
S23/PI2
S21/PI0
S22/PI1
DATA
LATCH
/
BUS
DRIVER
S28/PJ3
S27/PJ2
S25/PJ0
S26/PJ1
DATA
LATCH
/
BUS
DRIVER
PE2
PE3
PF2
1/2
HCTR
TIME BASE
COUNTROL
COUNT END
UNIVERSAL
COUNTER(20bits)
112
1/2
1/2
1/2
RAM
256
×4bits
(LC72314)
512
×4bits
(LC72315/316)
1/8
Clock control
*


Similar Part No. - LC72315W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7230 SANYO-LC7230 Datasheet
553Kb / 12P
   Single-Chip PLL Controller with LCD Driver
LC7230-8221 SANYO-LC7230-8221 Datasheet
565Kb / 25P
   Single-chip PLL and Microcontroller with LCD Driver
LC7230-8272 SANYO-LC7230-8272 Datasheet
537Kb / 22P
   Single-chip PLL Controller
LC7232-8291 SANYO-LC7232-8291 Datasheet
865Kb / 35P
   1-Chip PLL Controller
LC7232-8377 SANYO-LC7232-8377 Datasheet
852Kb / 33P
   Single-chip PLL and Microcontroller with LCD Driver?
More results

Similar Description - LC72315W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC723461W SANYO-LC723461W Datasheet
105Kb / 13P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72346W SANYO-LC72346W Datasheet
95Kb / 12P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72348G SANYO-LC72348G Datasheet
119Kb / 14P
   Low-Voltage ETR Controller with On-Chip LCD Driver
LC72344W SANYO-LC72344W Datasheet
90Kb / 13P
   Low-Voltage ETR Controller with On-Chip DC-DC Converter
LC723481W SANYO-LC723481W Datasheet
117Kb / 15P
   Low-Voltage ETR-Controller
logo
NEC
UPD16682 NEC-UPD16682 Datasheet
435Kb / 31P
   1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
UPD16682A NEC-UPD16682A Datasheet
330Kb / 55P
   1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
logo
Renesas Technology Corp
PD16682 RENESAS-PD16682_15 Datasheet
557Kb / 58P
   1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
logo
Sitronix Technology Co....
ST7789V2 SITRONIX-ST7789V2 Datasheet
3Mb / 319P
   Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
Version 1.0 2016/11
ST7789VW SITRONIX-ST7789VW Datasheet
3Mb / 317P
   Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
Version 1.0 2017/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com