Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100YXG470M16X355 Datasheet(PDF) 7 Page - RUBYCON CORPORATION

Part # 100YXG470M16X355
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

100YXG470M16X355 Datasheet(HTML) 7 Page - RUBYCON CORPORATION

  100YXG470M16X355 Datasheet HTML 1Page - RUBYCON CORPORATION 100YXG470M16X355 Datasheet HTML 2Page - RUBYCON CORPORATION 100YXG470M16X355 Datasheet HTML 3Page - RUBYCON CORPORATION 100YXG470M16X355 Datasheet HTML 4Page - RUBYCON CORPORATION 100YXG470M16X355 Datasheet HTML 5Page - RUBYCON CORPORATION 100YXG470M16X355 Datasheet HTML 6Page - RUBYCON CORPORATION 100YXG470M16X355 Datasheet HTML 7Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
0
20
40
60
80
100
0
1000
2000
3000
4000
5000
6000
7000
8000
-30
-20
-10
0
10
20
0
0.1
0.2
0.3
0.4
0.5
Time
(Hours)
(at 20℃)
0.01
0.1
1
10
0.1
1
10
100
Frequency (kHz)
Cap.
Z
-50
-40
-30
-20
-10
0
10
20
-60
-40
-20
0
20
40
60
80
100
120
0
100
200
300
400
500
600
700
0.01
0.10
1.00
10.00
-60
-40
-20
0
20
40
60
80
100
120
(at 120Hz)
Temperature
(℃)
Temperature
(℃)
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
YXG
◆CHARACTERISTIC DATA
・TEMPERATURE CHARACTERISTICS
・FREQUENCY CHARACTERISTICS
・ENDURANCE
16 YXG 330 M 8×11.5
25 YXG 1000 M 12.5×20


Similar Part No. - 100YXG470M16X355

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
100YXG1000MEFC18X40 RUBYCON-100YXG1000MEFC18X40 Datasheet
190Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 100YXG470M16X355

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com