Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KPL-3015YT Datasheet(PDF) 1 Page - Kingbright Corporation

Part # KPL-3015YT
Description  3.0x1.5mm SMD CHIP LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KPL-3015YT Datasheet(HTML) 1 Page - Kingbright Corporation

  KPL-3015YT Datasheet HTML 1Page - Kingbright Corporation KPL-3015YT Datasheet HTML 2Page - Kingbright Corporation KPL-3015YT Datasheet HTML 3Page - Kingbright Corporation KPL-3015YT Datasheet HTML 4Page - Kingbright Corporation KPL-3015YT Datasheet HTML 5Page - Kingbright Corporation KPL-3015YT Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1-KPL3015-1
Kingbright
®
Package Dimensions
Note:
1.
θ1/2istheanglefromopticalcenterlinewheretheluminousintensityis1/2theopticalcenterlinevalue.
Selection Guide
Notes:
1. All dimensions are in millimeters (inches).
2.Toleranceis
±0.1(0.004")unlessotherwisenoted.
3.Leadspacingismeasuredwheretheleademergepackage.
4.Specificationsaresubjectedtochangewithoutnotice.
Part No.
Dice
Lens Type
Iv (mcd)
@ 20 mA
Viewing
Angle
Min.
Typ.
2θ1/2
KPL-3015HD
BRIGHT RED (GaP)
RED DIFFUSED
0.8
2
90°
KPL-3015HC
BRIGHT RED (GaP)
WATER CLEAR
0.8
2
90°
KPL-3015HT
BRIGHT RED (GaP)
RED TRAS.
0.8
2
90°
KPL-3015ID
HIGH EFFICIENCY RED (GaAsP/GaP)
RED DIFFUSED
5
16
90°
KPL-3015EC
HIGH EFFICIENCY RED (GaAsP/GaP)
WATER CLEAR
5
16
90°
KPL-3015IT
HIGH EFFICIENCY RED (GaAsP/GaP)
RED TRANS.
5
16
90°
KPL-3015YD
YELLOW (GaAsP/GaP)
YELLOW DIFFUSED
5
16
90°
KPL-3015YC
YELLOW (GaAsP/GaP)
WATER CLEAR
5
16
90°
KPL-3015YT
YELLOW (GaAsP/GaP)
YELLOW TRANS.
5
16
90°
KPL-3015SRD
SUPER BRIGHT RED (GaAlAs)
RED DIFFUSED
3.2
12.5
90°
KPL-3015SRC
SUPER BRIGHT RED (GaAlAs)
WATER CLEAR
3.2
12.5
90°
KPL-3015SRT
SUPER BRIGHT RED (GaAlAs)
RED TRANS.
3.2
12.5
90°
KPL-3015SGD
SUPER BRIGHT GREEN (GaP)
GREEN DIFFUSESD
40
80
90°
KPL-3015SGC
SUPER BRIGHT GREEN (GaP)
WATER CLEAR
40
80
90°
KPL-3015SGT
SUPER BRIGHT GREEN (GaP)
GREEN TRNS.
40
80
90°
KPL-3015SYD
SUPER BRIGHT YELLOW (InGaAlP)
YELLOW DIFFUSESD
40
80
90°
KPL-3015SYC
SUPER BRIGHT YELLOW (InGaAlP)
WATER CLEAR
40
80
90°
KPL-3015SYT
SUPER BRIGHT YELLOW (InGaAlP)
YELLOW TRNS.
40
80
90°
3.0x1.5mm SMD CHIP LED LAMPS
KPL-3015
Description
The Bright Red source color devices are made with Gallium
Phosphide Red Light Emitting Diode.
The Super Bright Green source color devices are made with
Gallium Phosphide Green Light Emitting Diode.
The High Efficiency Red source color devices are made with
Gallium Arsenide Phosphide on Gallium Phosphide Orange
Light Emitting Diode.
The Yellow source color devices are made with Gallium
Arsenide Phosphide on Gallium Phosphide Yellow Light
Emitting Diode.
The Super Bright Red source color devices are made with
Gallium Aluminum Arsenide Red Light Emitting Diodes.
The Super Bright Yellow source color devices are made with
DH InGaAlP on GaAs substrate Light Emitting Diode.
Features
l
3.0mmx1.5mmSMTLED.1.1mmTHICKNESS.
l
LOWPOWERCONSUMPTION.
l
WIDEVIEWINGANGLE.
l
IDEALFORBACKLIGHTANDINDICATOR.
l
VARIOUS COLORS AND LENS TYPES AVAILABLE.
l
INNERLENSTYPE


Similar Part No. - KPL-3015YT

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
KPL-3015YC TO-GRACE-KPL-3015YC Datasheet
860Kb / 4P
   3.0 mm x 1.5 mm SMD Chip LED Lamp
More results

Similar Description - KPL-3015YT

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APL3015EC KINGBRIGHT-APL3015EC Datasheet
109Kb / 5P
   3.0x1.5mm SMD CHIP LED LAMPS
APL3015SURC KINGBRIGHT-APL3015SURC Datasheet
69Kb / 4P
   3.0x1.5mm SMD CHIP LED LAMP
APL3015PBC KINGBRIGHT-APL3015PBC Datasheet
74Kb / 4P
   3.0x1.5mm SMD CHIP LED LAMP
APL3015SYC KINGBRIGHT-APL3015SYC Datasheet
69Kb / 4P
   3.0x1.5mm SMD CHIP LED LAMP
APL3015SYCK KINGBRIGHT-APL3015SYCK Datasheet
69Kb / 4P
   3.0x1.5mm SMD CHIP LED LAMP
APL3015SYC KINGBRIGHT-APL3015SYC_03 Datasheet
103Kb / 4P
   3.0x1.5mm SMD CHIP LED LAMP
logo
A-BRIGHT Inc
AL-HW433 A-BRIGHT-AL-HW433 Datasheet
340Kb / 5P
   White SMD Chip LED Lamps
2006/10/18
logo
Kingbright Corporation
KP-3216 KINGBRIGHT-KP-3216 Datasheet
833Kb / 6P
   3.2x1.6mm SMD CHIP LED LAMPS
logo
A-BRIGHT Inc
AL-HGE33A A-BRIGHT-AL-HGE33A Datasheet
341Kb / 5P
   Green SMD Chip LED Lamps
2006/12/5
logo
List of Unclassifed Man...
KP-3216 ETC-KP-3216 Datasheet
586Kb / 6P
   3.2x1.6mm SMD CHIP LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com