Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KPL-3015SRC Datasheet(PDF) 3 Page - Kingbright Corporation

Part # KPL-3015SRC
Description  3.0x1.5mm SMD CHIP LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KPL-3015SRC Datasheet(HTML) 3 Page - Kingbright Corporation

  KPL-3015SRC Datasheet HTML 1Page - Kingbright Corporation KPL-3015SRC Datasheet HTML 2Page - Kingbright Corporation KPL-3015SRC Datasheet HTML 3Page - Kingbright Corporation KPL-3015SRC Datasheet HTML 4Page - Kingbright Corporation KPL-3015SRC Datasheet HTML 5Page - Kingbright Corporation KPL-3015SRC Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1-KPL3015-3
BrightRedKPL-3015HD,KLP-3015HC,KPL-3015HT
High Efficiency Red KPL-3015ID, KPL-3015EC, KPL-3015IT


Similar Part No. - KPL-3015SRC

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
KPL-3015SECK TO-GRACE-KPL-3015SECK Datasheet
867Kb / 4P
   3.0 mm x 1.5 mm SMD Chip LED Lamp
KPL-3015SGC TO-GRACE-KPL-3015SGC Datasheet
1Mb / 5P
   3.0mmx1.5mm SMD CHIP LED LAMP
KPL-3015SURCK TO-GRACE-KPL-3015SURCK Datasheet
816Kb / 4P
   3.0 mm x 1.5 mm SMD Chip LED Lamp
KPL-3015SYCK TO-GRACE-KPL-3015SYCK Datasheet
819Kb / 4P
   3.0 mm x 1.5 mm SMD Chip LED Lamp
More results

Similar Description - KPL-3015SRC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APL3015EC KINGBRIGHT-APL3015EC Datasheet
109Kb / 5P
   3.0x1.5mm SMD CHIP LED LAMPS
APL3015SURC KINGBRIGHT-APL3015SURC Datasheet
69Kb / 4P
   3.0x1.5mm SMD CHIP LED LAMP
APL3015PBC KINGBRIGHT-APL3015PBC Datasheet
74Kb / 4P
   3.0x1.5mm SMD CHIP LED LAMP
APL3015SYC KINGBRIGHT-APL3015SYC Datasheet
69Kb / 4P
   3.0x1.5mm SMD CHIP LED LAMP
APL3015SYCK KINGBRIGHT-APL3015SYCK Datasheet
69Kb / 4P
   3.0x1.5mm SMD CHIP LED LAMP
APL3015SYC KINGBRIGHT-APL3015SYC_03 Datasheet
103Kb / 4P
   3.0x1.5mm SMD CHIP LED LAMP
logo
A-BRIGHT Inc
AL-HW433 A-BRIGHT-AL-HW433 Datasheet
340Kb / 5P
   White SMD Chip LED Lamps
2006/10/18
logo
Kingbright Corporation
KP-3216 KINGBRIGHT-KP-3216 Datasheet
833Kb / 6P
   3.2x1.6mm SMD CHIP LED LAMPS
logo
A-BRIGHT Inc
AL-HGE33A A-BRIGHT-AL-HGE33A Datasheet
341Kb / 5P
   Green SMD Chip LED Lamps
2006/12/5
logo
List of Unclassifed Man...
KP-3216 ETC-KP-3216 Datasheet
586Kb / 6P
   3.2x1.6mm SMD CHIP LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com