Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9248YG-195LF-T Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS9248YG-195LF-T
Description  Frequency Generator & Integrated Buffers for PENTIUM II/III & K6
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248YG-195LF-T Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS9248YG-195LF-T Datasheet HTML 5Page - Integrated Circuit Systems ICS9248YG-195LF-T Datasheet HTML 6Page - Integrated Circuit Systems ICS9248YG-195LF-T Datasheet HTML 7Page - Integrated Circuit Systems ICS9248YG-195LF-T Datasheet HTML 8Page - Integrated Circuit Systems ICS9248YG-195LF-T Datasheet HTML 9Page - Integrated Circuit Systems ICS9248YG-195LF-T Datasheet HTML 10Page - Integrated Circuit Systems ICS9248YG-195LF-T Datasheet HTML 11Page - Integrated Circuit Systems ICS9248YG-195LF-T Datasheet HTML 12Page - Integrated Circuit Systems ICS9248YG-195LF-T Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
ICS9248-195
0375D—02/02/04
Electrical Characteristics - 24,48MHz
TA = 0 - 70°C; VDD = 3.3 V +/-5%; CL = 10 - 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output High Voltage
VOH5
IOH = -14 mA
2.4
V
Output Low Voltage
VOL5
IOL = 6 mA
0.4
V
Output High Current
IOH5
VOH = 2.0 V
-20
mA
Output Low Current
IOL5
VOL = 0.8 V
16
mA
Rise Time
1
tr5
VOL = 0.4 V, VOH = 2.4 V
1.93
4
ns
Fall Time
1
tf5
VOH = 2.4 V, VOL = 0.4 V
2.63
4
ns
Duty Cycle
1
dt5
VT = 1.5 V
45
50.9
55
%
Jitter, Absolute
1
tCYCLE
VT = 1.5 V
436
600
ps
1Guaranteed by design, not 100% tested in production.
Electrical Characteristics - REF
TA = 0 - 70°C; VDD = 3.3 V +/-5%; CL = 10 - 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output High Voltage
VOH5
IOH = -14 mA
2.4
2.6
V
Output Low Voltage
VOL5
IOL = 6 mA
0.22
0.4
V
Output High Current
IOH5
VOH = 2.0 V
-32
-20
mA
Output Low Current
IOL5
VOL = 0.8 V
16
22
mA
Rise Time
1
tr5
VOL = 0.4 V, VOH = 2.4 V
2.11
4
ns
Fall Time
1
tf5
VOH = 2.4 V, VOL = 0.4 V
2.14
4
ns
Duty Cycle
1
dt5
VT = 1.5 V
45
52.1
55
%
Jitter, cycle to cycle
1
tjcycle5
VT = 1.5 V
-600
848
1000
ps
1Guaranteed by design, not 100% tested in production.


Similar Part No. - ICS9248YG-195LF-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248YG-192-T ICST-ICS9248YG-192-T Datasheet
105Kb / 12P
   Frequency Timing Generator for Transmeta Systems
logo
Renesas Technology Corp
ICS9248YG-192LF-T RENESAS-ICS9248YG-192LF-T Datasheet
387Kb / 14P
   Frequency Timing Generator for Transmeta Systems
2019
More results

Similar Description - ICS9248YG-195LF-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-143 ICST-ICS9248-143 Datasheet
506Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM II/IIITM & K6
ICS9248-185 ICST-ICS9248-185 Datasheet
100Kb / 11P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM & K6
ICS9248-101 ICST-ICS9248-101 Datasheet
362Kb / 17P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM & K6
ICS9248-162 ICST-ICS9248-162 Datasheet
472Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM & K6
ICS9248-135 ICST-ICS9248-135 Datasheet
191Kb / 15P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?? K6
ICS9248-126 ICST-ICS9248-126 Datasheet
472Kb / 12P
   Frequency Generator & Integrated Buffers for Celeron & PII/III??& K6
logo
Renesas Technology Corp
ICS9248-102 RENESAS-ICS9248-102 Datasheet
2Mb / 11P
   Frequency Generator & Integrated Buffers for Celeron & PII/III TM &K6
2019
logo
Integrated Circuit Syst...
ICS951901 ICST-ICS951901 Datasheet
180Kb / 19P
   Programmable Frequency Generator & Integrated Buffers for Pentium III Processor
ICS94209 ICST-ICS94209 Datasheet
217Kb / 19P
   Programmable Frequency Generator & Integrated Buffers for Pentium III Processor
ICS9148-37 ICST-ICS9148-37 Datasheet
425Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM/Pro
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com