Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC527LC4 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC527LC4
Description  GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC527LC4 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC527LC4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC527LC4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC527LC4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC527LC4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC527LC4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC527LC4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
7
7 - 398
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pin Number
Function
Description
Interface Schematic
1, 2, 6-8, 10,
13, 17-24
N/C
No connection required. These pins may be connected
to RF/DC ground without affecting performance.
3, 5, 12, 14, 16
GND
These pins and package bottom must be connected
to RF/DC ground.
4RF
This pin is AC coupled and matched to
50 Ohms from 8.5 to 13.5 GHz.
9IF1
This pin is DC coupled. For applications
not requiring operation to DC, this port should be
DC blocked externally using a series capacitor whose
value has been chosen to pass the necessary IF
frequency range. For operation to DC, this pin must not
source/sink more than 3mA of current or part non-function
and possible part failure will result.
11
IF2
15
LO
This pin is AC coupled and matched to
50 Ohms from 8.5 to 13.5 GHz.
Pin Descriptions
HMC527LC4
GaAs MMIC I/Q MIXER
8.5 - 13.5 GHz
v00.0505


Similar Part No. - HMC527LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC527LC4 HITTITE-HMC527LC4 Datasheet
206Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC527LC4 HITTITE-HMC527LC4_09 Datasheet
206Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
More results

Similar Description - HMC527LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC527 HITTITE-HMC527_09 Datasheet
228Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC527LC4 HITTITE-HMC527LC4_09 Datasheet
206Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC527 HITTITE-HMC527 Datasheet
297Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC521 HITTITE-HMC521 Datasheet
310Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC521LC4 HITTITE-HMC521LC4 Datasheet
289Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC521 HITTITE-HMC521_09 Datasheet
237Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
logo
Analog Devices
HMC521ACHIPS AD-HMC521ACHIPS Datasheet
660Kb / 25P
   8.5 GHz to 13.5 GHz, GaAs, MMIC, I/Q Mixer
logo
Hittite Microwave Corpo...
HMC-C042 HITTITE-HMC-C042 Datasheet
285Kb / 6P
   GaAs MMIC I/Q MIXER MODULE 8.5 - 13.5 GHz
HMC525 HITTITE-HMC525 Datasheet
315Kb / 6P
   GaAs MMIC I/Q MIXER 4.0 - 8.5 GHz
HMC525LC4 HITTITE-HMC525LC4_09 Datasheet
212Kb / 6P
   GaAs MMIC I/Q MIXER 4 - 8.5 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com