Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS80LV32-40WI Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS80LV32-40WI
Description  CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS80LV32-40WI Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS80LV32-40WI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS80LV32-40WI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS80LV32-40WI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS80LV32-40WI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS80LV32-40WI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS80LV32-40WI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS80LV32-40WI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS80LV32-40WI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS80LV32-40WI Datasheet HTML 11Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
IS80LV52
IS80LV32
Integrated Silicon Solution, Inc. — 1-800-379-4774
7
ADVANCE INFORMATION MC019-0A
10/01/98
ISSI®
OPERATING DESCRIPTION
The detail description of the IS80LV52/32 included in this
description are:
•Memory Map and Registers
•Timer/Counters
•Serial Interface
•Interrupt System
•Other Information
MEMORY MAP AND REGISTERS
Memory
The IS80LV52/32 has separate address spaces for program
and data memory. The program and data memory can be
up to 64K bytes long. The lower 8K program memory can
reside on-chip. (IS80LV52 only) Figure 5 shows a map of
the IS80LV52/32 program and data memory.
The IS80LV52/32 has 256 bytes of on-chip RAM, plus
numbers of special function registers. The lower 128 bytes
can be accessed either by direct addressing or by indirect
addressing. The upper 128 bytes can be accessed by
indirect addressing only. Figure 6 shows internal data
memory organization and SFR Memory Map.
The lower 128 bytes of RAM can be divided into three
segments as listed below and shown in Figure 7.
1.
Register Banks 0-3: locations 00H through 1FH
(32 bytes). The device after reset defaults to register
bank 0. To use the other register banks, the user must
select them in software. Each register bank contains
eight 1-byte registers R0-R7. Reset initializes the
stack point to location 07H, and is incremented once
to start from 08H, which is the first register of the
second register bank.
2.
Bit Addressable Area: 16 bytes have been assigned
for this segment 20H-2FH. Each one of the 128 bits of
this segment can be directly addressed (0-7FH).
Each of the 16 bytes in this segment can also be
addressed as a byte.
3.
Scratch Pad Area: 30H-7FH are available to the
user as data RAM. However, if the data pointer has
been initialized to this area, enough bytes should be
left aside to prevent SP data destruction.
FFFFH:
64K
1FFFH:
8K
Program Memory
(Read Only)
Data Memory
(Read/Write)
EA = 0
External
PSEN
EA = 1
Internal
(IS80C52
Only)
0000
00
FFFFH:
External
Internal
FFH:
0000
RD WR
Figure 5. IS80LV52/32 Program and Data Memory Structure


Similar Part No. - IS80LV32-40WI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS80LV31 ISSI-IS80LV31 Datasheet
339Kb / 43P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IS80LV31-24PL ISSI-IS80LV31-24PL Datasheet
339Kb / 43P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IS80LV31-24PLI ISSI-IS80LV31-24PLI Datasheet
339Kb / 43P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IS80LV31-24PQ ISSI-IS80LV31-24PQ Datasheet
339Kb / 43P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IS80LV31-24PQI ISSI-IS80LV31-24PQI Datasheet
339Kb / 43P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
More results

Similar Description - IS80LV32-40WI

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN80CL31N INTEGRAL-IN80CL31N Datasheet
119Kb / 2P
   CMOS LOW-VOLTAGE SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Integrated Circuit Solu...
IC80LV52 ICSI-IC80LV52 Datasheet
131Kb / 22P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IC80LV51 ICSI-IC80LV51 Datasheet
124Kb / 20P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
logo
Integrated Silicon Solu...
IS80C52 ISSI-IS80C52 Datasheet
382Kb / 48P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IS80LV51 ISSI-IS80LV51 Datasheet
339Kb / 43P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com