Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WJ115F31CS24VDC Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # WJ115F31CS24VDC
Description  CIT SWITCH
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

WJ115F31CS24VDC Datasheet(HTML) 1 Page - CIT Relay & Switch

  WJ115F31CS24VDC Datasheet HTML 1Page - CIT Relay & Switch WJ115F31CS24VDC Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562
FEATURES:
Switching capacity up to 10A
Low profile and narrow width
High dielectric strength
Withstands up to 10kV surge
E197851
24.7 x 10.5 x 25.1 mm
CONTACT DATA
Contact Arrangement
1A = SPST N.O.
1C = SPDT
Contact Rating
10A @ 250VAC & 30VDC
TV-5
Contact Resistance
< 50 milliohms initial
Contact Material
AgSnO2
Maximum Switching Power
300W, 2500VA
Maximum Switching Voltage
300VAC, 110VDC
Maximum Switching Current
10A
COIL DATA
Coil Voltage
VDC
Coil Resistance
Ω ± 10%
Rated
Max.
.25W
.53W
Pick Up Voltage
VDC (max)
75%
of rated voltage
Release Voltage
VDC (min)
10%
of rated voltage
Coil Power
W
Operate Time
ms
Release Time
ms
5
6.5
100
47
3.75
0.5
6
7.8
145
68
4.50
0.6
9
11.7
325
155
6.75
0.9
12
15.6
575
270
9.00
1.2
18
23.4
1300
620
13.50
1.8
24
31.2
2310
1080
18.00
2.4
48
62.4
9210
4400
36.00
4.8
.25 & .53
15
5
CAUTION:
1. The use of any coil voltage less than the rated coil voltage may compromise the operation of the relay.
2. Pickup and release voltages are for test purposes only and are not to be used as design criteria.
GENERAL DATA
Electrical Life @ rated load
Mechanical Life
100K cycles, typical
10M cycles, typical
Insulation Resistance
100M
Ω min @ 500VDC
Dielectric Strength, Coil to Contact
Contact to Contact
4000V rms min. @ sea level
1000V rms min. @ sea level
Shock Resistance
200m/s
2 for 11ms
Vibration Resistance
1.50mm double amplitude 10-40Hz
Operating Temperature
Storage Temperature
-40
°C to + 85 °C
-40
°C to + 155 °C
Solderability
230
°C ± 2 °C for 10 ± 0.5s
Weight
12g
WJ116


Similar Part No. - WJ115F31CS24VDC

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
WJ115F31C CIT-WJ115F31C Datasheet
198Kb / 3P
   Cit Switch
WJ115F31CL CIT-WJ115F31CL Datasheet
198Kb / 3P
   Cit Switch
More results

Similar Description - WJ115F31CS24VDC

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com