Electronic Components Datasheet Search |
|
CDQ0303-QS Datasheet(PDF) 11 Page - Mimix Broadband |
|
CDQ0303-QS Datasheet(HTML) 11 Page - Mimix Broadband |
11 / 14 page 500-6000 MHz Dual, Ultra Low Noise, High IP3 Amplifier Page 11 of 14 CDQ0303-QS Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099 Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com Characteristic Data and Specifications are subject to change without notice. ©2006 Mimix Broadband, Inc. Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept their obligation to be compliant with U.S. Export Laws. May 2006 - Rev 24-May-06 It is important to add via holes under the part in order to achieve good RF grounding. Typical Specifications (50 System) Frequency 900 MHz S21 Gain 23.5 dB S11 Input Return Loss -3.0 dB S22 Output Return Loss -3.5 dB Output IP3 31.8 dBm Output P1 dB 16.5 dBm Noise Figure 0.55 dB Operating Current Range 50 mA Supply Voltage 3.0 V Application Circuit - 900 MHz 0 -10 -20 0.1 0.6 1.2 1.8 2.4 3.0 Frequency, GHz S-Parameters vs Frequency 30 20 10 0 -10 Gain Input Output 0 -10 -20 0.1 0.6 1.2 1.8 2.4 3.0 Frequency, GHz S-Parameters vs Frequency 30 20 10 0 -10 Gain Input Output 1 2 3 4 12 11 10 9 8 7 6 5 13 14 15 16 VG1 VG2 VD1 C1 L1 L2 C2 R1 C3 R2 C4 VD2 L3 C5 C6 C7 L4 L5 R3 R4 L6 C10 C9 C8 RF-IN-2 RF-IN-1 RF-OUT-2 RF-OUT-1 Ref Designator Value Description Size C1, C5, C6, C10 100 pF 0402, 10% 0402 C3, C4, C8, C9 1000 pF MCH185A101JK 0805 C2, C7 5600 PF 0402, 10% 0402 R1, R3 300 Ohm 0805, 1/8W, 1% 0805 R2, R4 18 Ohm 0805, 1/8W, 1% 0805 L1, L4 10 nH Coil Craft 0402, 10% 0402 L2, L3, L5, L6 47 nH Coil Craft 0603, 10% 0603 |
Similar Part No. - CDQ0303-QS |
|
Similar Description - CDQ0303-QS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |