Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFK2062-P3 Datasheet(PDF) 1 Page - Mimix Broadband

Part # CFK2062-P3
Description  1.8 to 2.0 GHz 30 dBm Power GaAs FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CFK2062-P3 Datasheet(HTML) 1 Page - Mimix Broadband

  CFK2062-P3 Datasheet HTML 1Page - Mimix Broadband CFK2062-P3 Datasheet HTML 2Page - Mimix Broadband CFK2062-P3 Datasheet HTML 3Page - Mimix Broadband CFK2062-P3 Datasheet HTML 4Page - Mimix Broadband CFK2062-P3 Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
mŒ“ŒŸ@b˜•„‡…„”‡L@i”†N@QPWYU@r•†‘’ˆ @r‡NL@h•›™š•”L@tˆŸ„™@WWPYY
tˆ’Z@RXQNYXXNTVPP@@f„ŸZ@RXQNYXXNTVQU@@žžžN“Œ“ŒŸ…˜•„‡…„”‡N†•“
ÐRPPU@mŒ“ŒŸ@b˜•„‡…„”‡L@i”†N
CFK2062-P3
QNX@š•@RNP@gh¡
KSP@‡b“@p•žˆ˜@g„a™@fet


Similar Part No. - CFK2062-P3

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CFK2062-P1 MIMIX-CFK2062-P1 Datasheet
796Kb / 5P
   800 to 900 MHz 30 dBm Power GaAs FET
CFK2062-P1 MIMIX-CFK2062-P1 Datasheet
138Kb / 4P
   800-900 MHz 30 dBm Power GaAs FET
CFK2062-P1-000T MIMIX-CFK2062-P1-000T Datasheet
796Kb / 5P
   800 to 900 MHz 30 dBm Power GaAs FET
CFK2062-P1-000T MIMIX-CFK2062-P1-000T Datasheet
138Kb / 4P
   800-900 MHz 30 dBm Power GaAs FET
CFK2062-P1 MIMIX-CFK2062-P1_06 Datasheet
138Kb / 4P
   800-900 MHz 30 dBm Power GaAs FET
More results

Similar Description - CFK2062-P3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CFK2162-P3 ETC1-CFK2162-P3 Datasheet
69Kb / 4P
   1.8 to 2.0 GHz 34 dBm Power GaAs FET
logo
Mimix Broadband
CFH2162-P3 MIMIX-CFH2162-P3 Datasheet
411Kb / 3P
   1.8 to 2.0 GHz 36 dBm Power GaAs FET
CFK2162-P3 MIMIX-CFK2162-P3 Datasheet
264Kb / 5P
   1.8 to 2.0 GHz 34 dBm Power GaAs FET
CFK2062-P5 MIMIX-CFK2062-P5 Datasheet
258Kb / 5P
   2.3 to 2.5 GHz 30 dBm Power GaAs FET
CFK2162-P5 MIMIX-CFK2162-P5 Datasheet
446Kb / 5P
   2.3 to 2.5 GHz 34 dBm Power GaAs FET
CFK2062-P1 MIMIX-CFK2062-P1 Datasheet
796Kb / 5P
   800 to 900 MHz 30 dBm Power GaAs FET
CFH2162-P5 MIMIX-CFH2162-P5 Datasheet
540Kb / 3P
   2.3 to 2.5 GHz 36 dBm Power GaAs FET
logo
List of Unclassifed Man...
CFH2162-P5 ETC-CFH2162-P5 Datasheet
157Kb / 2P
   2.3 TO 2.5 GHZ 36 DBM POWER GAAS FET
CFK2162-P5 ETC1-CFK2162-P5 Datasheet
64Kb / 4P
   2.3 to 2.5 GHz 34 dBm Power GaAs FET
logo
Mimix Broadband
CFK2062-P1 MIMIX-CFK2062-P1_06 Datasheet
138Kb / 4P
   800-900 MHz 30 dBm Power GaAs FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com