Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PB-CGB7011-SC-0000 Datasheet(PDF) 5 Page - Mimix Broadband

Part # PB-CGB7011-SC-0000
Description  DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

PB-CGB7011-SC-0000 Datasheet(HTML) 5 Page - Mimix Broadband

  PB-CGB7011-SC-0000 Datasheet HTML 1Page - Mimix Broadband PB-CGB7011-SC-0000 Datasheet HTML 2Page - Mimix Broadband PB-CGB7011-SC-0000 Datasheet HTML 3Page - Mimix Broadband PB-CGB7011-SC-0000 Datasheet HTML 4Page - Mimix Broadband PB-CGB7011-SC-0000 Datasheet HTML 5Page - Mimix Broadband PB-CGB7011-SC-0000 Datasheet HTML 6Page - Mimix Broadband PB-CGB7011-SC-0000 Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
May 2006 - Rev 23-May-06
DC-6.0 GHz InGaP HBT, MMIC or Packaged,
Matched Gain Block Amplifier
Page 5 of 7
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CGB7011-SC (-BD)
Typical Scattering Parameters
(Vd = +5.45V, Icc = 82 mA, T = 23°C, device in a 50 ohm system)
Frequency
S11
S 21
S 12
S 22
(MHz)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
5100
0.279
86.17
5.10
-73.23
0.148
-87.46
0.224
42.13
5200
0.282
80.04
5.02
-77.59
0.149
-90.49
0.235
36.77
5300
0.287
73.62
4.95
-82.07
0.151
-93.64
0.249
31.59
5400
0.293
66.76
4.87
-86.57
0.153
-96.85
0.264
26.05
5500
0.299
60.00
4.79
-91.04
0.154
-100.10
0.279
20.64
5600
0.307
53.48
4.71
-95.49
0.156
-103.30
0.294
15.53
5700
0.316
46.81
4.63
-100.00
0.157
-106.80
0.311
10.75
5800
0.324
40.12
4.55
-104.70
0.158
-110.00
0.328
5.58
5900
0.334
33.08
4.46
-109.30
0.159
-113.60
0.347
0.57
6000
0.345
26.33
4.37
-113.80
0.160
-116.90
0.366
-4.24
6100
0.358
19.90
4.29
-118.40
0.160
-120.300.386
-8.93
6200
0.370
13.59
4.20
-123.00
0.161
-123.80
0.406
-13.52
6300
0.382
7.16
4.10
-127.60
0.161
-127.30
0.425
-18.01
6400
0.395
0.78
4.01
-132.20
0.161
-130.80
0.445
-22.47
6500
0.410
-5.40
3.91
-136.80
0.160
-134.20
0.465
-26.83
6600
0.425
-11.20
3.82
-141.30
0.159
-137.70
0.485
-31.12
6700
0.439
-16.74
3.72
-145.80
0.159
-141.10
0.503
-35.26
6800
0.451
-22.21
3.62
-150.30
0.158
-144.60
0.522
-39.26
6900
0.465
-27.77
3.53
-154.90
0.157
-148.10
0.540
-43.25
7000
0.479
-33.29
3.42
-159.30
0.155
-151.50
0.558
-47.30
7100
0.492
-38.54
3.32
-163.70
0.154
-154.90
0.575
-51.15
7200
0.506
-43.433.22
-168.00
0.152
-158.20
0.592
-55.12
7300
0.517
-48.233.13
-172.30
0.150
-161.50
0.606
-58.83
7400
0.528
-53.05
3.03
-176.60
0.148
-164.70
0.620
-62.44
7500
0.539
-57.91
2.93
179.10
0.146
-168.00
0.635
-66.12
7600
0.551
-62.52
2.84
174.90
0.144
-171.10
0.649
-69.70
7700
0.562
-66.83
2.74
170.90
0.141
-174.20
0.662
-73.15
7800
0.571
-70.88
2.65
166.90
0.139
-177.20
0.673
-76.46
7900
0.578
-74.98
2.57
162.90
0.137
179.80
0.684
-79.70
8000
0.585
-79.19
2.48
158.90
0.135
176.80
0.694
-82.85
8100
0.594
-83.26
2.40
155.10
0.132173.80
0.705
-86.02
8200
0.602
-86.97
2.31
151.30
0.130
171.20
0.714
-89.08
8300
0.608
-90.43
2.23
147.60
0.127
168.40
0.723
-91.92
8400
0.612
-93.86
2.16
144.00
0.125
165.70
0.731
-94.70
8500
0.616
-97.42
2.09
140.30
0.123
163.10
0.737
-97.50
8600
0.619
-101.10
2.02
136.70
0.121
160.40
0.744
-100.30
8700
0.624
-104.50
1.96
133.10
0.118
157.70
0.750
-103.00
8800
0.628
-107.50
1.89
129.70
0.116
155.30
0.757
-105.50
8900
0.628
-110.50
1.83
126.30
0.114
153.00
0.761
-108.00
9000
0.627
-113.70
1.78
122.80
0.112
150.50
0.764
-110.40
9100
0.627
-117.00
1.72
119.40
0.110
148.00
0.769
-112.90
9200
0.628
-120.30
1.67
115.90
0.108
145.50
0.773
-115.30
9300
0.629
-123.20
1.62
112.60
0.106
143.20
0.777
-117.60
9400
0.628
-125.90
1.57
109.30
0.104
140.90
0.781
-119.90
9500
0.626
-128.90
1.52
106.00
0.103
138.60
0.783
-122.10
9600
0.622
-131.90
1.48
102.70
0.101
136.30
0.785
-124.30
9700
0.620
-135.00
1.43
99.35
0.099
133.80
0.788
-126.50
9800
0.620
-137.90
1.39
96.16
0.097
131.60
0.791
-128.60
9900
0.617
-140.40
1.3593.07
0.095
129.50
0.793
-130.70
10000
0.613
-142.80
1.31
89.93
0.094
127.40
0.795
-132.70
S-Parameter Data Files are available on-line at: www.mimixbroadband.com


Similar Part No. - PB-CGB7011-SC-0000

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
PB-CGB7011-SC-0000 MIMIX-PB-CGB7011-SC-0000 Datasheet
810Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
PB-CGB7011-SC-0000 MIMIX-PB-CGB7011-SC-0000 Datasheet
525Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
More results

Similar Description - PB-CGB7011-SC-0000

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CGB7010-SC MIMIX-CGB7010-SC Datasheet
531Kb / 7P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7007-SC_0608 MIMIX-CGB7007-SC_0608 Datasheet
607Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
CGB7016-SC MIMIX-CGB7016-SC_07 Datasheet
222Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
CGB7009-SC_0608 MIMIX-CGB7009-SC_0608 Datasheet
555Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
CGB7001-SC_0609 MIMIX-CGB7001-SC_0609 Datasheet
750Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
CGB7003-SC MIMIX-CGB7003-SC Datasheet
473Kb / 7P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7005-SC MIMIX-CGB7005-SC Datasheet
474Kb / 7P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7012-SC MIMIX-CGB7012-SC Datasheet
541Kb / 7P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7010-SC_0609 MIMIX-CGB7010-SC_0609 Datasheet
571Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7006-SC_0608 MIMIX-CGB7006-SC_0608 Datasheet
600Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
CGB7004-SC_0608 MIMIX-CGB7004-SC_0608 Datasheet
513Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com