Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGB7289-SP-0G0T Datasheet(PDF) 4 Page - Mimix Broadband

Part # CGB7289-SP-0G0T
Description  DC-2.5 GHz InGaP HBT Matched Gain Block Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CGB7289-SP-0G0T Datasheet(HTML) 4 Page - Mimix Broadband

  CGB7289-SP-0G0T Datasheet HTML 1Page - Mimix Broadband CGB7289-SP-0G0T Datasheet HTML 2Page - Mimix Broadband CGB7289-SP-0G0T Datasheet HTML 3Page - Mimix Broadband CGB7289-SP-0G0T Datasheet HTML 4Page - Mimix Broadband CGB7289-SP-0G0T Datasheet HTML 5Page - Mimix Broadband CGB7289-SP-0G0T Datasheet HTML 6Page - Mimix Broadband CGB7289-SP-0G0T Datasheet HTML 7Page - Mimix Broadband CGB7289-SP-0G0T Datasheet HTML 8Page - Mimix Broadband CGB7289-SP-0G0T Datasheet HTML 9Page - Mimix Broadband Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
May 2006 - Rev 23-May-06
Page 4 of 19
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
Typical S-Parameter and Noise Performance: 900 MHz, 5V (Matched for 0.9 GHz Operation)
DC-2.5 GHz InGaP HBT
Matched Gain Block Amplifier
CGB7289-SC
ACP @ 880 MHz Vs. Pout
9 Forward Channels, 750 kHz Offset, 30 kHz BW
-65
-60
-55
-50
-45
-40
-35
12
14
16
18
20
Pout (dBm)
25 C
-40 C
85 C
Matched for 0.9 GHz Operation
Active Bias,
Vs = 5V
Alt1 Ch. Pwr @ 880 MHz Vs Pout
9 Forward Channels, 1.98 MHz Offset, 30 kHz BW
-80
-75
-70
-65
-60
-55
-50
12
14
16
18
20
Pout (dBm)
25 C
-40 C
85 C
Matched for 0.9 GHz Operation
Active Bias,
Vs = 5V
P1dB Vs Frequency
22.75
23
23.25
23.5
23.75
800
850
900
950
1000
Frequency (GHz)
25 C
-40 C
85 C
Matched for
0.9 GHz Operation
Active Bias,
Vs = 5V
OIP3 Vs Frequency
35
36
37
38
39
40
41
800
850
900
950
1000
Frequency (GHz)
25 C
-40 C
85 C
1 MHz separation, 11 dBm/tone,
Matched for 0.9 GHz Operation
Active Bias,
Vs = 5V


Similar Part No. - CGB7289-SP-0G0T

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CGB7289-SP-0G0T MIMIX-CGB7289-SP-0G0T Datasheet
346Kb / 20P
   DC-2.5 GHz InGaP HBT Matched Gain Block Amplifier
More results

Similar Description - CGB7289-SP-0G0T

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CGB7289-BD MIMIX-CGB7289-BD Datasheet
301Kb / 18P
   DC-2.5 GHz InGaP HBT Matched Gain Block Amplifier
CGB7289-SC_0609 MIMIX-CGB7289-SC_0609 Datasheet
346Kb / 20P
   DC-2.5 GHz InGaP HBT Matched Gain Block Amplifier
CGB7389-SC MIMIX-CGB7389-SC_08 Datasheet
267Kb / 15P
   2.1-2.5 GHz InGaP HBT Matched Gain Block Amplifier
CGB7389-SC_0607 MIMIX-CGB7389-SC_0607 Datasheet
263Kb / 15P
   2.1-2.5 GHz InGaP HBT Matched Gain Block Amplifier
CGB7389-SC MIMIX-CGB7389-SC Datasheet
263Kb / 15P
   2.1-2.5 GHz InGaP HBT Matched Gain Block Amplifier
CGB8001-SC MIMIX-CGB8001-SC Datasheet
230Kb / 8P
   DC-2.7 GHz InGaP HBT Matched Gain Block Amplifier
CGB7008-SC MIMIX-CGB7008-SC_07 Datasheet
521Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7014-SC MIMIX-CGB7014-SC_07 Datasheet
372Kb / 8P
   DC-8.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7001-BD MIMIX-CGB7001-BD_07 Datasheet
604Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7007-BD MIMIX-CGB7007-BD Datasheet
435Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com