Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHD114546 Datasheet(PDF) 1 Page - Sensitron

Part # SHD114546
Description  HERMETIC POWER SCHOTTKY RECTIFIER 200?C Maximum Operation Temperature Very Low Forward Voltage Drop
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD114546 Datasheet(HTML) 1 Page - Sensitron

  SHD114546 Datasheet HTML 1Page - Sensitron SHD114546 Datasheet HTML 2Page - Sensitron SHD114546 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
221 WEST INDUSTRY COURT DEER PARK, NY 11729-4681 PHONE (631) 586-7600 FAX (631) 242-9798
World Wide Web - http://www.sensitron.com E-mail Address - sales@sensitron.com
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 1049, REV. –
HERMETIC POWER SCHOTTKY RECTIFIER
200
•C Maximum Operation Temperature
Very Low Forward Voltage Drop
Applications:
œ Switching Power Supply œ Converters œ Free-Wheeling Diodes œ Polarity Protection Diode
Features:
œ Soft Reverse Recovery at Low and High Temperature
œ Very Low Forward Voltage Drop
œ Low Reverse Leakage Current
œ Low Power Loss, High Efficiency
œ High Surge Capacity
œ Guard Ring for Enhanced Durability and Long Term Reliability
œ Guaranteed Reverse Avalanche Characteristics
MAXIMUM RATINGS
ALL RATINGS ARE @ TC = 25 C UNLESS OTHERWISE SPECIFIED.
RATING
SYMBOL
MAX.
UNITS
PEAK INVERSE VOLTAGE
PIV
200
Volts
MAXIMUM DC OUTPUT CURRENT (With Cathode Maintained @ TC=100
OC)
IO
60
Amps
MAXIMUM NONREPETITIVE FORWARD SURGE CURRENT
(t=8.3ms, Sine)
IFSM
860
Amps
MAXIMUM THERMAL RESISTANCE (Junction to Mounting Surface, Cathode)
R JC
0.35
•C/W
MAXIMUM OPERATING AND STORAGE TEMPERATURE RANGE
Top/Tstg
-65 to
+ 200
•C
MAXIMUM STORAGE TEMPERATURE RANGE
Top/Tstg
-65 to
+ 175
•C
ELECTRICAL CHARACTERISTICS
CHARACTERISTIC
SYMBOL
MAX.
UNITS
MAXIMUM FORWARD VOLTAGE DROP, Pulsed (If = 60 Amps)
TJ = 25
•C
TJ = 125
•C
Vf
0.95
0.79
Volts
MAXIMUM REVERSE CURRENT (Ir @ 200V PIV)
TJ = 25
•C
TJ = 125
•C
Ir
1.1
24
mA
MAXIMUM JUNCTION CAPACITANCE
(Vr =5V)
CT
900
pF
*Due to the nature of the 200V Schottky devices, some degradation in trr performance at high temperatures should
be expected, unlike conventional lower voltage Schottkys.
SHD114546
SHD114546A
SHD114546B


Similar Part No. - SHD114546

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD114546 SENSITRON-SHD114546 Datasheet
45Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
SHD114546A SENSITRON-SHD114546A Datasheet
45Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
SHD114546B SENSITRON-SHD114546B Datasheet
45Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
SHD114546 SENSITRON-SHD114546_08 Datasheet
45Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
More results

Similar Description - SHD114546

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD115546 SENSITRON-SHD115546_11 Datasheet
101Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200C Maximum Operation Temperature Very Low Forward Voltage Drop
SHD115546 SENSITRON-SHD115546 Datasheet
159Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature Very Low Forward Voltage Drop
SHD125244B SENSITRON-SHD125244B Datasheet
81Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200?C Maximum Operation Temperature
SHD124444 SENSITRON-SHD124444 Datasheet
82Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200?C Maximum Operation Temperature
SHD125444 SENSITRON-SHD125444 Datasheet
82Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200?C Maximum Operation Temperature
SHD119622 SENSITRON-SHD119622 Datasheet
57Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
SHD114622 SENSITRON-SHD114622_08 Datasheet
47Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
SHD118146 SENSITRON-SHD118146_11 Datasheet
107Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
SHD125512 SENSITRON-SHD125512_11 Datasheet
93Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
SHD174622_0804 SENSITRON-SHD174622_0804 Datasheet
49Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com